Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

83CNQ100GA Datasheet(PDF) 3 Page - International Rectifier

Part # 83CNQ100GA
Description  SCHOTTKY RECTIFIER 80 Amp New GenIII D-61 Package
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

83CNQ100GA Datasheet(HTML) 3 Page - International Rectifier

  83CNQ100GA Datasheet HTML 1Page - International Rectifier 83CNQ100GA Datasheet HTML 2Page - International Rectifier 83CNQ100GA Datasheet HTML 3Page - International Rectifier 83CNQ100GA Datasheet HTML 4Page - International Rectifier 83CNQ100GA Datasheet HTML 5Page - International Rectifier 83CNQ100GA Datasheet HTML 6Page - International Rectifier 83CNQ100GA Datasheet HTML 7Page - International Rectifier 83CNQ100GA Datasheet HTML 8Page - International Rectifier 83CNQ100GA Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Preliminary Data Sheet PD-20809 09/04
83CNQ...GA, 83CNQ...GASM, 83CNQ...GASL
Fig. 2 - Typical Values Of Reverse Current
Vs. Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage (Per Leg)
Fig. 4 - Max. Thermal Impedance Z
thJC Characteristics (Per Leg)
Fig. 1 - Max. Forward Voltage Drop Characteris-
tics (Per Leg)
Forward Voltage Drop - V
FM (V)
Reverse Voltage - V
R (V)
Reverse Voltage - V
R (V)
t
1 , Rectangular Pulse Duration (Seconds)
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
1.4
T = 175˚C
T = 125˚C
T = 25˚C
J
J
J
0.001
0.01
0.1
1
10
100
1000
0
204060
80
100
150˚C
125˚C
100˚C
75˚C
50˚C
25˚C
T = 175˚C
J
100
1000
10000
0
20
406080
100
120
T = 25˚C
J
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
Single Pulse
(Thermal Resistance)
D = 0.50
D = 0.33
D = 0.25
D = 0.17
D = 0.08
Notes:
1. Duty factor D = t1 / t2
2. Peak Tj = Pdm x ZthJC + Tc
2
t
1
t
P
DM


Similar Part No. - 83CNQ100GA

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
83CNQ100 MICROSEMI-83CNQ100 Datasheet
120Kb / 2P
   Schottky MiniMod
logo
Sangdest Microelectroni...
83CNQ100 SMC-83CNQ100 Datasheet
230Kb / 5P
   SCHOTTKY RECTIFIER
logo
International Rectifier
83CNQ100A IRF-83CNQ100A Datasheet
207Kb / 8P
   SCHOTTKY RECTIFIER
83CNQ100A IRF-83CNQ100A Datasheet
178Kb / 8P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
logo
Vishay Siliconix
83CNQ100A VISHAY-83CNQ100A Datasheet
125Kb / 6P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 21-Aug-08
More results

Similar Description - 83CNQ100GA

ManufacturerPart #DatasheetDescription
logo
International Rectifier
82CNQ030APBF IRF-82CNQ030APBF Datasheet
174Kb / 7P
   SCHOTTKY RECTIFIER 80 Amp New GenIII D-61 Package
83CNQ080APBF IRF-83CNQ080APBF Datasheet
178Kb / 8P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
110CNQ045A IRF-110CNQ045A Datasheet
193Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
80CNQ35APBF IRF-80CNQ35APBF Datasheet
175Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
110CNQ045APBF IRF-110CNQ045APBF Datasheet
173Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
111CNQ045A IRF-111CNQ045A Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
85CNQ015APBF IRF-85CNQ015APBF Datasheet
176Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
113CNQ080A IRF-113CNQ080A Datasheet
193Kb / 7P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
logo
InterFET Corporation
81CNQ035A INTERFET-81CNQ035A Datasheet
235Kb / 8P
   SCHOTTKY RECTIFIER New GenIII D-61 Package
logo
Vishay Siliconix
85CNQ015APBF VISHAY-85CNQ015APBF_10 Datasheet
159Kb / 9P
   Schottky Rectifier New Generation 3 D-61 Package, 2 x 40 A
Revision: 16-Apr-10
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com