Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC8360ETVVAGDHA Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MPC8360ETVVAGDHA
Description  PowerQUICC??II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8360ETVVAGDHA Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MPC8360ETVVAGDHA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8360ETVVAGDHA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8360ETVVAGDHA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8360ETVVAGDHA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8360ETVVAGDHA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8360ETVVAGDHA Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC8360ETVVAGDHA Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC8360ETVVAGDHA Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC8360ETVVAGDHA Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 112 page
background image
MPC8360E/MPC8358E PowerQUICC™ II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 2
10
Freescale Semiconductor
Electrical Characteristics
2.1.2
Power Supply Voltage Specification
Table 2 provides the recommended operating conditions for the device. Note that the values in Table 2 are
the recommended and tested operating conditions. Proper device operation outside of these conditions is
not guaranteed.
Table 2. Recommended Operating Conditions
Characteristic
Symbol
Recommended
Value
Unit
Notes
Core supply voltage
For QE frequencies <500 MHz and e300 frequencies <667 MHz
For a QE frequency of 500 MHz or an e300 frequency of 667 MHz
VDD
1.2 V ± 60 mV
1.3 V ± 50 mV
V1
PLL supply voltage
For QE frequencies <500 MHz and e300 frequencies <667 MHz
For a QE frequency of 500 MHz or an e300 frequency of 667 MHz
AVDD
1.2 V ± 60 mV
1.3 V ± 50 mV
V1
DDR and DDR2 DRAM I/O supply voltage
DDR
DDR2
GVDD
2.5 V ± 125 mV
1.8V ± 90 mV
V
Three-speed Ethernet I/O supply voltage
LVDD0
3.3 V ± 330 mV
2.5 V ± 125 mV
V
Three-speed Ethernet I/O supply voltage
LVDD1
3.3 V ± 330 mV
2.5 V ± 125 mV
V
Three-speed Ethernet I/O supply voltage
LVDD2
3.3 V ± 330 mV
2.5 V ± 125 mV
V
PCI, local bus, DUART, system control and power management, I2C, SPI,
and JTAG I/O voltage
OVDD
3.3 V ± 330 mV
V
Junction temperature
TJ
0 to 105
°C2
Notes:
1. GVDD, LVDD, OVDD, AVDD, and VDD must track each other and must vary in the same direction—either in the positive or
negative direction.
2. .The operating conditions for junction temperature, TJ, on the 600/333/400 MHz and 500/333/500 MHz on rev2.0 silicon is
0
°C to 70 °C. Please refer to General9 in the device errata document.


Similar Part No. - MPC8360ETVVAGDHA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8360E FREESCALE-MPC8360E Datasheet
1Mb / 108P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
MPC8360E FREESCALE-MPC8360E Datasheet
616Kb / 102P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
MPC8360E FREESCALE-MPC8360E Datasheet
612Kb / 102P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
logo
NXP Semiconductors
MPC8360E NXP-MPC8360E Datasheet
1Mb / 102P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
Rev. 5, 09/2011
MPC8360ECVVADDEA NXP-MPC8360ECVVADDEA Datasheet
1Mb / 102P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
Rev. 5, 09/2011
More results

Similar Description - MPC8360ETVVAGDHA

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC8360CZUAJDG FREESCALE-MPC8360CZUAJDG Datasheet
612Kb / 102P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
MPC8360CVVAJDGA FREESCALE-MPC8360CVVAJDGA Datasheet
616Kb / 102P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
MPC8360E FREESCALE-MPC8360E_11 Datasheet
1Mb / 108P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
logo
NXP Semiconductors
MPC8360EEC NXP-MPC8360EEC Datasheet
1Mb / 102P
   PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications
Rev. 5, 09/2011
logo
Freescale Semiconductor...
MPC8358E FREESCALE-MPC8358E Datasheet
1Mb / 96P
   PowerQUICC??II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications
logo
NXP Semiconductors
MPC8358EEC NXP-MPC8358EEC Datasheet
1Mb / 95P
   PowerQUICC II Pro Processor Revision 2.1 PBGA Silicon Hardware Specifications
Rev. 3, 01/2011
logo
Freescale Semiconductor...
MPC8315E FREESCALE-MPC8315E Datasheet
1Mb / 112P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8379E FREESCALE-MPC8379E Datasheet
1Mb / 114P
   PowerQUICC??II Pro Processor Hardware Specifications
MPC8314EEC FREESCALE-MPC8314EEC Datasheet
651Kb / 101P
   PowerQUICC II Pro Processor Hardware Specifications
MPC8313EEC FREESCALE-MPC8313EEC Datasheet
1Mb / 100P
   PowerQUICC??II Pro Processor Hardware Specifications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com