Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5416 Datasheet(PDF) 2 Page - STMicroelectronics

Part # 2N5416
Description  SILICON PNP TRANSISTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N5416 Datasheet(HTML) 2 Page - STMicroelectronics

  2N5416 Datasheet HTML 1Page - STMicroelectronics 2N5416 Datasheet HTML 2Page - STMicroelectronics 2N5416 Datasheet HTML 3Page - STMicroelectronics 2N5416 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient
Max
17.5
175
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICBO
Collector Cut-off
Current (IE = 0)
for 2N5415
VCB = -175 V
for 2N5416
VCB = -280 V
-50
-50
µA
µA
ICEO
Collector Cut-off
Current (IB = 0)
VCE = -150 V
-50
µA
IEBO
Emitter Cut-off Current
(IC = 0)
for 2N5415
VEB = -4 V
for 2N5416
VEB = -6 V
-20
-20
µA
µA
VCER
Collector-Emitter
Sustaining Voltage
IC = -50 mA
RBE = 50
Ω for 2N5416
-350
V
VCEO(sus)
∗ Collector-Emitter
Sustaining Voltage
IC = -10 mA
for 2N5415
for 2N5416
-200
-300
V
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = -50 mA
IB = -5 mA
-2.5
V
VBE
Base-Emitter Voltage
IC = -50 mA
VCE = -10 V
-1.5
V
hFE
DC Current Gain
IC = -50 mA
VCE = -10 V
for 2N5415
for 2N5416
30
30
150
120
hfe
Small Signal Current
Gain
IC = -5 mA
VCE = -10 V
f = 1KHz
25
fT
Transition frequency
IC = -10 mA
VCE = -10 V
f = 5MHz
15
MHz
CCBO
Collector Base
Capacitance
IE = 0
VCB = -10 V
f = 1MHz
25
pF
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
2N5415 / 2N5416
2/4


Similar Part No. - 2N5416

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
2N5416 BOCA-2N5416 Datasheet
262Kb / 6P
   HIGH VOLTAGE AMPLIFIERS
logo
Microsemi Corporation
2N5416 MICROSEMI-2N5416 Datasheet
67Kb / 2P
   PNP LOW POWER SILICON TRANSISTOR
logo
Central Semiconductor C...
2N5416 CENTRAL-2N5416 Datasheet
56Kb / 1P
   Small Signal Transistors
logo
List of Unclassifed Man...
2N5416 ETC-2N5416 Datasheet
347Kb / 8P
   Power Transistors
logo
STMicroelectronics
2N5416 STMICROELECTRONICS-2N5416 Datasheet
47Kb / 4P
   SILICON PNP TRANSISTORS
More results

Similar Description - 2N5416

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
S8550-C-AP MCC-S8550-C-AP Datasheet
218Kb / 2P
   PNP Silicon Transistors
logo
Seme LAB
2N6193LCC4 SEME-LAB-2N6193LCC4 Datasheet
21Kb / 2P
   PNP SILICON TRANSISTORS
logo
Unisonic Technologies
2N2955 UTC-2N2955_11 Datasheet
122Kb / 2P
   SILICON PNP TRANSISTORS
logo
Micro Commercial Compon...
S9012-G MCC-S9012-G Datasheet
223Kb / 2P
   PNP Silicon Transistors
logo
Quanzhou Jinmei Electro...
BD680 JMNIC-BD680 Datasheet
33Kb / 1P
   Silicon PNP Transistors
logo
Weitron Technology
WTA8921 WEITRON-WTA8921 Datasheet
621Kb / 4P
   PNP Silicon Transistors
logo
Micro Electronics
PN3638 MICRO-ELECTRONICS-PN3638 Datasheet
191Kb / 2P
   PNP SILICON TRANSISTORS
logo
Micro Commercial Compon...
2SA1980-O MCC-2SA1980-O Datasheet
213Kb / 2P
   PNP Silicon Transistors
2SA562-O MCC-2SA562-O Datasheet
332Kb / 2P
   PNP Silicon Transistors
logo
Quanzhou Jinmei Electro...
2SA633 JMNIC-2SA633 Datasheet
115Kb / 1P
   Silicon PNP Transistors
BD810_2015 JMNIC-BD810_2015 Datasheet
127Kb / 1P
   Silicon PNP Transistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com