Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC1251GR5-9LG-E2-A Datasheet(PDF) 7 Page - NEC

Part # UPC1251GR5-9LG-E2-A
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY DUAL OPERATIONAL AMPLIFIERS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1251GR5-9LG-E2-A Datasheet(HTML) 7 Page - NEC

Back Button UPC1251GR5-9LG-E2-A Datasheet HTML 3Page - NEC UPC1251GR5-9LG-E2-A Datasheet HTML 4Page - NEC UPC1251GR5-9LG-E2-A Datasheet HTML 5Page - NEC UPC1251GR5-9LG-E2-A Datasheet HTML 6Page - NEC UPC1251GR5-9LG-E2-A Datasheet HTML 7Page - NEC UPC1251GR5-9LG-E2-A Datasheet HTML 8Page - NEC UPC1251GR5-9LG-E2-A Datasheet HTML 9Page - NEC UPC1251GR5-9LG-E2-A Datasheet HTML 10Page - NEC UPC1251GR5-9LG-E2-A Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet G17929EJ3V0DS
7
μPC1251GR-9LG, μPC1251MP-KAA, μPC358GR-9LG
PULSE RESPONSE
SR - TA
4
0
3
2
1
0
3
2
1
20
40
60
80
RL
≥ 2 kΩ
V =
+15 V
+
t - time -
μs
-50
0
50
100
V =
±15 V
±
VO =
±10 V
0.4
0.3
0.2
0.1
0
SR
SR
+
TA - Operating Ambient Temperature -
°C
VO vs. IO SINK
ΔVO vs. IO SOURCE
0.01
0.1
1
10
0.01
0.1
1
10
100
V+ =
+15 V
V /2
+
V+
VO
IO SINK
+
TA =
−40°C
25
°C
125
°C
IO SINK - Output Sink Current - mA
0
1
2
3
4
5
0.01
0.1
1
10
100
TA =
−40°C
25
°C
125
°C
V /2
+
V+
ΔVO
IO SOURCE
+
IO SOURCE - Output Source Current - mA


Similar Part No. - UPC1251GR5-9LG-E2-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1251GR-9LG RENESAS-UPC1251GR-9LG Datasheet
346Kb / 14P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC1251GR-9LG RENESAS-UPC1251GR-9LG Datasheet
685Kb / 12P
   Single Power Supply Dual Operational Amplifiers
2019.1.17
More results

Similar Description - UPC1251GR5-9LG-E2-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPC842GR-9LG NEC-UPC842GR-9LG Datasheet
203Kb / 10P
   BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS
UPC842 NEC-UPC842 Datasheet
456Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUIT (SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS)
UPC844GR-9LG NEC-UPC844GR-9LG Datasheet
204Kb / 10P
   BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
UPC844 NEC-UPC844 Datasheet
454Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUIT, SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
UPC177GR-9LG NEC-UPC177GR-9LG Datasheet
195Kb / 10P
   BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY QUAD COMPARATORS
logo
Renesas Technology Corp
UPC1251 RENESAS-UPC1251 Datasheet
685Kb / 12P
   Single Power Supply Dual Operational Amplifiers
2019.1.17
PC1251GR-9LG RENESAS-PC1251GR-9LG_15 Datasheet
346Kb / 14P
   SINGLE POWER SUPPLY DUAL OPERATIONAL AMPLIFIERS
UPC1251A RENESAS-UPC1251A Datasheet
723Kb / 12P
   Single Power Supply Dual Operational Amplifiers
2019.1.17
logo
NEC
UPC277GR-9LG NEC-UPC277GR-9LG Datasheet
212Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY DUAL COMPARATORS WITH SMALL PACKAGE
logo
Mitsubishi Electric Sem...
M5223L MITSUBISHI-M5223L Datasheet
331Kb / 5P
   DUAL SINGLE POWER SUPPLY OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com