Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC277MP5-KAA-E2-A Datasheet(PDF) 11 Page - NEC

Part # UPC277MP5-KAA-E2-A
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY DUAL COMPARATORS WITH SMALL PACKAGE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC277MP5-KAA-E2-A Datasheet(HTML) 11 Page - NEC

Back Button UPC277MP5-KAA-E2-A Datasheet HTML 4Page - NEC UPC277MP5-KAA-E2-A Datasheet HTML 5Page - NEC UPC277MP5-KAA-E2-A Datasheet HTML 6Page - NEC UPC277MP5-KAA-E2-A Datasheet HTML 7Page - NEC UPC277MP5-KAA-E2-A Datasheet HTML 8Page - NEC UPC277MP5-KAA-E2-A Datasheet HTML 9Page - NEC UPC277MP5-KAA-E2-A Datasheet HTML 10Page - NEC UPC277MP5-KAA-E2-A Datasheet HTML 11Page - NEC UPC277MP5-KAA-E2-A Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet G17934EJ3V0DS
11
μPC277GR-9LG, μPC277MP-KAA, μPC393GR-9LG
RECOMMENDED SOLDERING CONDITIONS
The
μ PC277GR-9LG, μ PC277MP-KAA, μ PC393GR-9LG should be soldered and mounted under the following
recommended conditions.
For soldering methods and conditions other than those recommended below, contact an NEC Electronics sales
representative.
For technical information, see the following website.
Semiconductor Device Mount Manual (http://www.necel.com/pkg/en/mount/index.html)
Type of Surface Mount Device
μ PC277GR-9LG-A
Note, μPC277GR(5)-9LG-A Note,
μ PC393GR-9LG-A
Note, μPC393GR(5)-9LG-A Note: 8-pin plastic TSSOP (5.72 mm (225))
μ PC277MP-KAA-A
Note, μPC277MP(5)-KAA-A Note: 8-pin plastic TSSOP (2.8 x 2.9)
Process
Conditions
Symbol
Infrared ray reflow
Peak temperature: 260
°C, Reflow time: 60 seconds or less (at 220°C or higher),
Maximum number of reflow processes: 3 times.
IR60-00-3
Wave soldering
Solder temperature: 260
°C or below, Flow time: 10 seconds or less, Maximum
number of flow processes: 1 time,
Pre-heating temperature: 120
°C or below (Package surface temperature).
WS60-00-1
Partial heating method
Pin temperature: 350
°C or below,
Heat time: 3 seconds or less (Per each side of the device).
P350
Note Pb-free (This product does not contain Pb in external electrode and other parts.)
Caution Apply only one kind of soldering condition to a device, except for “partial heating method”, or the
device will be damaged by heat stress.
Remark Flux: Rosin flux with low chlorine (0.2 Wt% or below) recommended.
REFERENCE DOCUMENTS
Document Name
Document No.
QUALITY GRADES ON NEC SEMICONDUCTOR DEVICES
C11531E
SEMICONDUCTOR DEVICE MOUNT MANUAL
http://www.necel.com/pkg/en/mount/index.html
NEC SEMICONDUCTOR DEVICE RELIABILITY/QUALITY CONTROL
SYSTEM-STANDARD LINEAR IC
IEI-1212
REVIEW OF QUALITY AND RELIABILITY HANDBOOK
C12769E
NEC SEMICONDUCTOR DEVICE RELIBIALITY/QUALITY CONTROL
SYSTEM
C10983E
<R>
<R>


Similar Part No. - UPC277MP5-KAA-E2-A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC277MP-KAA RENESAS-UPC277MP-KAA Datasheet
717Kb / 10P
   Small Package Single Power Supply Dual Comparator
2019.1.17
UPC277MP-KAA-A RENESAS-UPC277MP-KAA-A Datasheet
717Kb / 10P
   Small Package Single Power Supply Dual Comparator
2019.1.17
More results

Similar Description - UPC277MP5-KAA-E2-A

ManufacturerPart #DatasheetDescription
logo
NEC
UPC177GR-9LG NEC-UPC177GR-9LG Datasheet
195Kb / 10P
   BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY QUAD COMPARATORS
logo
Renesas Technology Corp
PC277GR-9LG RENESAS-PC277GR-9LG_15 Datasheet
333Kb / 14P
   SINGLE POWER SUPPLY DUAL COMPARATORS WITH SMALL PACKAGE
logo
NEC
UPC1251GR-9LG NEC-UPC1251GR-9LG Datasheet
225Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY DUAL OPERATIONAL AMPLIFIERS
UPC842GR-9LG NEC-UPC842GR-9LG Datasheet
203Kb / 10P
   BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
UPC277GR RENESAS-UPC277GR Datasheet
717Kb / 10P
   Small Package Single Power Supply Dual Comparator
2019.1.17
logo
NEC
UPC37M31 NEC-UPC37M31 Datasheet
86Kb / 11P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1225H NEC-UPC1225H Datasheet
391Kb / 17P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1270H NEC-UPC1270H Datasheet
729Kb / 16P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
UPC1883 NEC-UPC1883 Datasheet
229Kb / 4P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
logo
California Eastern Labs
UPC3226TB CEL-UPC3226TB Datasheet
416Kb / 13P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com