Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2616 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC2616
Description  Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2616 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC2616 Datasheet HTML 5Page - Linear Technology LTC2616 Datasheet HTML 6Page - Linear Technology LTC2616 Datasheet HTML 7Page - Linear Technology LTC2616 Datasheet HTML 8Page - Linear Technology LTC2616 Datasheet HTML 9Page - Linear Technology LTC2616 Datasheet HTML 10Page - Linear Technology LTC2616 Datasheet HTML 11Page - Linear Technology LTC2616 Datasheet HTML 12Page - Linear Technology LTC2616 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
LTC2753
9
2753f
500ns/DIV
UPD
5V/DIV
VOUT
2mV/DIV
2753 G15
USING AN LT1469
CFEEDBACK = 27pF
VDD = 5V
VREF = 5V
0V TO 5V RANGE
1nV•S (TYP)
DIGITAL INPUT VOLTAGE (V)
01
0
5
10
15
20
2345
2753 G16
VDD = 5V
VDD = 3V
VDD (V)
2.5
0.5
0.75
1
1.25
1.5
2
3
3.5
4
4.5
5
5.5
1.75
2753 G17
RISING
FALLING
UPDATE FREQUENCY (Hz)
10
0.1
0.01
1
100k
0.001
0.0001
100
1k
10k
1M
10
2753 G18
VDD = 5V
VDD = 3V
Midscale Glitch
Logic Threshold
vs Supply Voltage
Supply Current vs
Logic Input Voltage
Supply Current
vs Update Frequency
TYPICAL PERFORMANCE CHARACTERISTICS
LTC2753-12, LTC2753-14, LTC2753-16
TA = 25°C, unless otherwise noted.


Similar Part No. - LTC2616

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2616 LINER-LTC2616 Datasheet
310Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
logo
Analog Devices
LTC2616 AD-LTC2616 Datasheet
651Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs I2C Interface
logo
Linear Technology
LTC2616CDD LINER-LTC2616CDD Datasheet
310Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2616CDD-1 LINER-LTC2616CDD-1 Datasheet
310Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
LTC2616IDD LINER-LTC2616IDD Datasheet
310Kb / 20P
   16-/14-/12-Bit Rail-to-Rail DACs with I2C Interface
More results

Similar Description - LTC2616

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2751 LINER-LTC2751_15 Datasheet
307Kb / 22P
   Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2753 LINER-LTC2753_15 Datasheet
291Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755 LINER-LTC2755_15 Datasheet
429Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2755 LINER-LTC2755 Datasheet
431Kb / 24P
   Quad Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC2751 LINER-LTC2751 Datasheet
315Kb / 20P
   Current Output 12-/14-/16-Bit SoftSpanTM DACs with Parallel I/O
LTC1588 LINER-LTC1588 Datasheet
276Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1588 LINER-LTC1588_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
LTC1592 LINER-LTC1592_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
logo
Linear Integrated Syste...
LTC1588 LINEAR-LTC1588 Datasheet
272Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
logo
Linear Technology
LTC1589 LINER-LTC1589_15 Datasheet
282Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com