Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4215 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4215
Description  Dual Supply Hot Swap Controller for Advanced Mezzanine Card
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4215 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4215 Datasheet HTML 4Page - Linear Technology LTC4215 Datasheet HTML 5Page - Linear Technology LTC4215 Datasheet HTML 6Page - Linear Technology LTC4215 Datasheet HTML 7Page - Linear Technology LTC4215 Datasheet HTML 8Page - Linear Technology LTC4215 Datasheet HTML 9Page - Linear Technology LTC4215 Datasheet HTML 10Page - Linear Technology LTC4215 Datasheet HTML 11Page - Linear Technology LTC4215 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
LTC4223-1/LTC4223-2
8
422312f
FUNCTIONAL DIAGRAM
+
+
+
UVLO3
9.7V
12VIN
2.45V
UVLO2
CP2
SYSTEM
CONTROL
AUX FAULT
12V FAULT
CHARGE
PUMP
VCC
TIMER
FAULT
+
+
ACL
VCC
10
μA
10
μA
1mA
+
2.885V
ECB
12V SUPPLY
CONTROL
12VIN
12VSENSE
60mV
12PGOOD
12VOUT
12IMON
12VGATE
+ –
50mV
+ –
VCC
10
μA
VCC
VCC
10
μA
VCC
VCC
10
μA
2
μA
200
μA
R2
ROUT
165k
10
μA
AUX SUPPLY
CONTROL
AUXON
AUX FET ON
GND
AUXIN
AUXPGOOD
MFET
RSNS
422312 FD
THERMAL
SHUTDOWN
CHARGE
PUMP
AUX PWRGD
PG1
+
10.3V
12V PWRGD
PG2
AUXOUT
+
UVLO1
2.5V
0.2V
AUXIN
6.2V
GATE
DRIVER
EN
CARD PRESENCE
+
A1
12ON
12V FET ON
+
1.235V
CP1
RIN
5k


Similar Part No. - LTC4215

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4215 LINER-LTC4215 Datasheet
350Kb / 24P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4215 LINER-LTC4215 Datasheet
1Mb / 32P
   Wide Range I2C Power Monitor Rail-to-Rail Input Range: 0V to 80V
LTC4215 LINER-LTC4215 Datasheet
341Kb / 24P
   Wide Operating Range Dual Hot Swap Controller Fast Response Limits Peak Fault Current
LTC4215 LINER-LTC4215 Datasheet
678Kb / 20P
   20A Guaranteed SOA Hot Swap Controller
More results

Similar Description - LTC4215

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4223-2 LINER-LTC4223-2_15 Datasheet
296Kb / 24P
   Dual Supply Hot Swap Controller for Advanced Mezzanine Card
LT4220 LINER-LT4220_15 Datasheet
265Kb / 16P
   Dual Supply Hot Swap Controller
LT4220 LINER-LT4220 Datasheet
267Kb / 16P
   Dual Supply Hot Swap Controller
logo
Texas Instruments
TPS2398 TI-TPS2398 Datasheet
388Kb / 20P
[Old version datasheet]   -48V HOT SWAP CONTROLLER FOR REDUNDANT SUPPLY SYSTEMS
logo
Supertex, Inc
HV301 SUTEX-HV301_05 Datasheet
989Kb / 20P
   Hot Swap Controller (Negative Supply Rail)
logo
Linear Technology
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
   CompactPCI Dual Hot Swap Controller
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
   CompactPCI Dual Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com