Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPC844GR-9LG Datasheet(PDF) 9 Page - NEC

Part # UPC844GR-9LG
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC844GR-9LG Datasheet(HTML) 9 Page - NEC

Back Button UPC844GR-9LG Datasheet HTML 2Page - NEC UPC844GR-9LG Datasheet HTML 3Page - NEC UPC844GR-9LG Datasheet HTML 4Page - NEC UPC844GR-9LG Datasheet HTML 5Page - NEC UPC844GR-9LG Datasheet HTML 6Page - NEC UPC844GR-9LG Datasheet HTML 7Page - NEC UPC844GR-9LG Datasheet HTML 8Page - NEC UPC844GR-9LG Datasheet HTML 9Page - NEC UPC844GR-9LG Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Data Sheet G17928EJ4V0DS
9
μPC844GR-9LG, μPC4744GR-9LG
RECOMMENDED SOLDERING CONDITIONS
The
μ PC844GR-9LG, μ PC4744GR-9LG should be soldered and mounted under the following recommended
conditions.
For soldering methods and conditions other than those recommended below, contact an NEC Electronics sales
representative.
For technical information, see the following website.
Semiconductor Device Mount Manual (http://www.necel.com/pkg/en/mount/index.html)
Type of Surface Mount Device
μ PC844GR-9LG-A
Note, μPC4744GR-9LG-A Note: 14-pin plastic TSSOP (5.72 mm (225))
Process
Conditions
Symbol
Infrared ray reflow
Peak temperature: 260
°C, Reflow time: 60 seconds or less (at 220°C or higher),
Maximum number of reflow processes: 3 times.
IR60-00-3
Wave soldering
Solder temperature: 260
°C or below, Flow time: 10 seconds or less, Maximum
number of flow processes: 1 time,
Pre-heating temperature: 120
°C or below (Package surface temperature).
WS60-00-1
Partial heating method
Pin temperature: 350
°C or below,
Heat time: 3 seconds or less (Per each side of the device).
P350
Note Pb-free (This product does not contain Pb in external electrode and other parts.)
Caution Apply only one kind of soldering condition to a device, except for “partial heating method”, or the
device will be damaged by heat stress.
Remark Flux: Rosin flux with low chlorine (0.2 Wt% or below) recommended.
REFERENCE DOCUMENTS
Document Name
Document No.
QUALITY GRADES ON NEC SEMICONDUCTOR DEVICES
C11531E
SEMICONDUCTOR DEVICE MOUNT MANUAL
http://www.necel.com/pkg/en/mount/index.html
NEC SEMICONDUCTOR DEVICE RELIABILITY/QUALITY CONTROL
SYSTEM-STANDARD LINEAR IC
IEI-1212
REVIEW OF QUALITY AND RELIABILITY HANDBOOK
C12769E
NEC SEMICONDUCTOR DEVICE RELIBIALITY/QUALITY CONTROL
SYSTEM
C10983E
<R>
<R>


Similar Part No. - UPC844GR-9LG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC844GR-9LG RENESAS-UPC844GR-9LG Datasheet
323Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC844GR-9LG-E1-A RENESAS-UPC844GR-9LG-E1-A Datasheet
323Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
UPC844GR-9LG-E2-A RENESAS-UPC844GR-9LG-E2-A Datasheet
323Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
2007
More results

Similar Description - UPC844GR-9LG

ManufacturerPart #DatasheetDescription
logo
NEC
UPC844 NEC-UPC844 Datasheet
454Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUIT, SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
UPC842GR-9LG NEC-UPC842GR-9LG Datasheet
203Kb / 10P
   BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS
UPC842 NEC-UPC842 Datasheet
456Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUIT (SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS)
UPC4744 NEC-UPC4744 Datasheet
86Kb / 12P
   SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, QUAD OPERATIONAL AMPLIFIERS
UPC1251GR-9LG NEC-UPC1251GR-9LG Datasheet
225Kb / 12P
   BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY DUAL OPERATIONAL AMPLIFIERS
logo
Renesas Technology Corp
UPC842A RENESAS-UPC842A Datasheet
638Kb / 9P
   Single Power Supply, High Speed, Wide Band, Dual Bipolar Operational Amplifier
2018.12.19
logo
NEC
UPC4742 NEC-UPC4742 Datasheet
84Kb / 12P
   SINGLE SUPPLY VOLTAGE, HIGH SPEED, WIDE BAND, DUAL OPERATIONAL AMPLIFIERS
UPC177GR-9LG NEC-UPC177GR-9LG Datasheet
195Kb / 10P
   BIPOLAR ANALOG INTEGRATED CIRCUIT SINGLE POWER SUPPLY QUAD COMPARATORS
logo
Renesas Technology Corp
UPC4742MF-DAA RENESAS-UPC4742MF-DAA Datasheet
322Kb / 10P
   Single Power Supply, High Speed, Wide Band, Dual Operational Amplifier
Jul 25, 2012
UPC451A RENESAS-UPC451A Datasheet
595Kb / 11P
   Single Power Supply Quad Operational Amplifiers
2019.1.17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com