Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4211 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4211
Description  Dual Supply Hot Swap Controller for Advanced Mezzanine Card
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4211 Datasheet(HTML) 5 Page - Linear Technology

  LTC4211 Datasheet HTML 1Page - Linear Technology LTC4211 Datasheet HTML 2Page - Linear Technology LTC4211 Datasheet HTML 3Page - Linear Technology LTC4211 Datasheet HTML 4Page - Linear Technology LTC4211 Datasheet HTML 5Page - Linear Technology LTC4211 Datasheet HTML 6Page - Linear Technology LTC4211 Datasheet HTML 7Page - Linear Technology LTC4211 Datasheet HTML 8Page - Linear Technology LTC4211 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
LTC4223-1/LTC4223-2
5
422312f
VCC (V)
2.5
0
0.4
0.8
1.2
1.6
3.0
3.5
4.0
4.5
422312 G01
5.0
5.5
6.0
TEMPERATURE (
°C)
–50
0
0.2
0.4
0.6
0.8
1.0
–25
025
50
422312 G02
75
100
12VIN
VCC
AUXIN
TEMPERATURE (
°C)
422312 G03
–50
31
32
33
34
35
–25
0
25
50
70
100
SENSE VOLTAGE (mV)
0
0
1
2
3
4
20
40
60
80
422312 G04
100
120
140
TEMPERATURE (
°C)
422312 G05
RISING
FALLING
–50
10.0
10.1
10.2
10.3
10.4
–25
0
25
50
75
100
TEMPERATURE (
°C)
422312 G06
RISING
FALLING
–50
2.84
2.86
2.88
2.90
2.92
–25
0
25
50
75
100
TEMPERATURE (
°C)
422312 G07
–50
48
49
50
51
52
–25
0
25
50
75
100
TEMPERATURE (
°C)
422312 G08
–50
58
59
60
61
62
–25
0
25
50
75
100
TEMPERATURE (
°C)
–50
200
210
220
230
240
250
–25
025
50
422312 G09
75
100
TYPICAL PERFORMANCE CHARACTERISTICS
ICC vs VCC
Supply Current vs Temperature
12IMON Gain Ratio vs
Temperature
12IMON Output Voltage vs Sense
Voltage
12VOUT Power-Good Threshold vs
Temperature
AUXOUT Power-Good Threshold
vs Temperature
Circuit Breaker Trip Voltage vs
Temperature
Active Current Limit Sense
Voltage vs Temperature
AUX Active Current Limit vs
Temperature
Specifications are TA = 25°C, VCC = 3.3V, VAUXIN =
3.3V, V12VIN =12V, unless otherwise specified.


Similar Part No. - LTC4211

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4211 LINER-LTC4211 Datasheet
369Kb / 36P
   Hot Swap Controller with Multifunction Current Control
LTC4211 LINER-LTC4211 Datasheet
322Kb / 40P
   Hot Swap Controller
LTC4211 LINER-LTC4211 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4211 LINER-LTC4211 Datasheet
341Kb / 24P
   Wide Operating Range Dual Hot Swap Controller Fast Response Limits Peak Fault Current
LTC4211 LINER-LTC4211 Datasheet
678Kb / 20P
   20A Guaranteed SOA Hot Swap Controller
More results

Similar Description - LTC4211

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4223-2 LINER-LTC4223-2_15 Datasheet
296Kb / 24P
   Dual Supply Hot Swap Controller for Advanced Mezzanine Card
LT4220 LINER-LT4220_15 Datasheet
265Kb / 16P
   Dual Supply Hot Swap Controller
LT4220 LINER-LT4220 Datasheet
267Kb / 16P
   Dual Supply Hot Swap Controller
logo
Texas Instruments
TPS2398 TI-TPS2398 Datasheet
388Kb / 20P
[Old version datasheet]   -48V HOT SWAP CONTROLLER FOR REDUNDANT SUPPLY SYSTEMS
logo
Supertex, Inc
HV301 SUTEX-HV301_05 Datasheet
989Kb / 20P
   Hot Swap Controller (Negative Supply Rail)
logo
Linear Technology
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
   CompactPCI Dual Hot Swap Controller
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
   CompactPCI Dual Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com