Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2854HDD Datasheet(PDF) 6 Page - Linear Technology

Part # LTC2854HDD
Description  3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2854HDD Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC2854HDD Datasheet HTML 2Page - Linear Technology LTC2854HDD Datasheet HTML 3Page - Linear Technology LTC2854HDD Datasheet HTML 4Page - Linear Technology LTC2854HDD Datasheet HTML 5Page - Linear Technology LTC2854HDD Datasheet HTML 6Page - Linear Technology LTC2854HDD Datasheet HTML 7Page - Linear Technology LTC2854HDD Datasheet HTML 8Page - Linear Technology LTC2854HDD Datasheet HTML 9Page - Linear Technology LTC2854HDD Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
LTC2854/LTC2855
6
285455fa
Figure 6. Receiver Propagation Delay Measurements
Figure 7. Receiver Enable and Disable Timing Measurements
A
B
VCM
±VAB/2
±VAB/2
RO
CL
285455 F06a
RECEIVER
tPLHR
tPHLR
90%
0
tSKEWR = tPLHR – tPHLR
90%
1/2 VCC
1/2 VCC
tRR
tFR
tR
tF
10%
90%
10%
90%
10%
285455 F06b
10%
VAB
VCC
VO
0
–VAB
RO
A-B
A
B
0V OR VCC
VCC OR 0V
DI = 0V OR VCC
RO
RE
CL
RL
VCC
OR
GND
285455 F07a
RECEIVER
tZLR,
tZLSR
tZHR,
tZHSR
tHZR
tLZR
1/2 VCC
1/2 VCC
1/2 VCC
RE
RO
RO
VCC
VCC
VOL
VO
VOH
0V
0V
0.5V
0.5V
285455 F05b
tRTEN
tRTZ
VCC
B
A
IA
TE
285455F07
RECEIVER
90%
10%
0V
TE
+
+
VAB
VB
RTERM =
IA
IA
VAB
1/2 VCC
RO
Figure 8. Termination Resistance and Timing Measurements
TEST CIRCUITS


Similar Part No. - LTC2854HDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2854 LINER-LTC2854 Datasheet
340Kb / 18P
   20Mbps RS485 Transceivers
LTC2854 LINER-LTC2854 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2854 LINER-LTC2854 Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
LTC2854 LINER-LTC2854 Datasheet
1Mb / 32P
   짹60V Rugged PROFIBUS RS485 Transceivers
logo
Analog Devices
LTC2854 AD-LTC2854 Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
More results

Similar Description - LTC2854HDD

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2854 LINER-LTC2854_15 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2855 LINER-LTC2855_15 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2861 LINER-LTC2861_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859IDD LINER-LTC2859IDD Datasheet
259Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859 Datasheet
258Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com