Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC4223IGN-2TRPBF Datasheet(PDF) 10 Page - Linear Technology

Part # LTC4223IGN-2TRPBF
Description  Dual Supply Hot Swap Controller for Advanced Mezzanine Card
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4223IGN-2TRPBF Datasheet(HTML) 10 Page - Linear Technology

Back Button LTC4223IGN-2TRPBF Datasheet HTML 6Page - Linear Technology LTC4223IGN-2TRPBF Datasheet HTML 7Page - Linear Technology LTC4223IGN-2TRPBF Datasheet HTML 8Page - Linear Technology LTC4223IGN-2TRPBF Datasheet HTML 9Page - Linear Technology LTC4223IGN-2TRPBF Datasheet HTML 10Page - Linear Technology LTC4223IGN-2TRPBF Datasheet HTML 11Page - Linear Technology LTC4223IGN-2TRPBF Datasheet HTML 12Page - Linear Technology LTC4223IGN-2TRPBF Datasheet HTML 13Page - Linear Technology LTC4223IGN-2TRPBF Datasheet HTML 14Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
LTC4223-1/LTC4223-2
10
422312f
The typical LTC4223 application is in a Carrier board
for Advanced Mezzanine Cards (AMC), delivering 3.3V
auxiliary and 12V power to the AMC module. A control-
ler on the Carrier board sequences the turn-on of power
supplies and manages the fault and power-good reports
from the LTC4223.
The LTC4223 detects board presence during insertion and
extraction, allowing power to be delivered in a controlled
manner without damaging the connector. The typical
LTC4223 application circuit is shown in Figure 1. External
component selection is discussed in detail in the Design
Example section.
APPLICATIONS INFORMATION
Turn-On Sequence
The power supplies delivered to an AMC module are
controlled by the external N-channel pass transistor, Q1 in
the 12V power path and an internal pass transistor in the
3.3V auxiliary power path. Sense resistor RS monitors the
12V load current for fault detection and current sensing
information. GATE capacitor CG provides gate slew rate
control to limit the inrush current. Resistor RG with CG
compensates the current control loop while R3 prevents
parasitic oscillations in Q1.
422312 F01
12VOUT
12VSENSE 12VGATE
12VIN
VCC
AUXIN
AUXOUT
EN
AUXON
12ON
AUXPGOOD
12PGOOD
FAULT
12V
5
21
16
15
12
10
89
6
7
4
11
13
3
58
2
3
4
7
6
1
14
3.3V
RS
6m
Ω
Q1
Si7336ADP
PWR
MP
PS1
PS0
CARRIER AMC
CONNECTOR
MODULE AMC
CONNECTOR
TIMER
LTC4223-1
GND
12V
7.4A
3.3V
150mA
R3
10
Ω
R2
51
Ω
MP ENABLE
PWR ENABLE
MP GOOD
PWR GOOD
FAULT
C2
330nF
BULK SUPPLY
BYPASS CAPACITOR
CT
0.1
μF
1
μF
RG
47
Ω
CG
15nF
3.3V
3.3V
INTELLIGENT
PLATFORM
MANAGEMENT
CONTROLLER
ENABLE
PRESENCE
RESET
12IMON
R4*
10k
2.2k
*OPTIONAL
3.3V
10k
R5*
10k
R6*
10k
3.3V
3.3V
3.3V
BULK SUPPLY
BYPASS CAPACITOR
LTC1197L
VREF
CLK
DOUT
CS
+IN
–IN
VCC
GND
3
Figure 1. Advanced Mezzanine Card/MicroTCA Application


Similar Part No. - LTC4223IGN-2TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4223 LINER-LTC4223 Datasheet
384Kb / 24P
   Dual Ideal Diode and Hot Swap Controller
LTC4223 LINER-LTC4223 Datasheet
496Kb / 22P
   Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4223 LINER-LTC4223 Datasheet
563Kb / 24P
   Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
logo
Analog Devices
LTC4223 AD-LTC4223 Datasheet
1Mb / 24P
   High Current Hot Swap Controller with Current Monitor Output
Rev. 0
logo
Linear Technology
LTC4223-2 LINER-LTC4223-2_15 Datasheet
296Kb / 24P
   Dual Supply Hot Swap Controller for Advanced Mezzanine Card
More results

Similar Description - LTC4223IGN-2TRPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4223-2 LINER-LTC4223-2_15 Datasheet
296Kb / 24P
   Dual Supply Hot Swap Controller for Advanced Mezzanine Card
LT4220 LINER-LT4220_15 Datasheet
265Kb / 16P
   Dual Supply Hot Swap Controller
LT4220 LINER-LT4220 Datasheet
267Kb / 16P
   Dual Supply Hot Swap Controller
logo
Texas Instruments
TPS2398 TI-TPS2398 Datasheet
388Kb / 20P
[Old version datasheet]   -48V HOT SWAP CONTROLLER FOR REDUNDANT SUPPLY SYSTEMS
logo
Supertex, Inc
HV301 SUTEX-HV301_05 Datasheet
989Kb / 20P
   Hot Swap Controller (Negative Supply Rail)
logo
Linear Technology
LTC1646 LINER-LTC1646 Datasheet
407Kb / 20P
   CompactPCI Dual Hot Swap Controller
LTC1646 LINER-LTC1646_15 Datasheet
413Kb / 20P
   CompactPCI Dual Hot Swap Controller
LTC1642 LINER-LTC1642 Datasheet
147Kb / 12P
   Hot Swap Controller
LTC4218 LINER-LTC4218_15 Datasheet
318Kb / 18P
   Hot Swap Controller
LTC1421-2.5 LINER-LTC1421-2.5_15 Datasheet
334Kb / 24P
   Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com