Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF5470 Datasheet(PDF) 5 Page - Freescale Semiconductor, Inc

Part # MCF5470
Description  MCF547x ColdFire짰 Microprocessor
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF5470 Datasheet(HTML) 5 Page - Freescale Semiconductor, Inc

  MCF5470 Datasheet HTML 1Page - Freescale Semiconductor, Inc MCF5470 Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF5470 Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF5470 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF5470 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF5470 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF5470 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF5470 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF5470 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
DC Electrical Specifications
MCF547x ColdFire® Microprocessor, Rev. 4
Freescale Semiconductor
5
3
DC Electrical Specifications
Table 4 lists DC electrical operating temperatures. This table is based on an operating voltage of EVDD = 3.3 VDC ± 0.3 VDC
and IVDD of 1.5 ± 0.07 VDC.
Junction to ambient (@200 ft/min)
Four layer board (2s2p)
θ
JMA
161,2
°C/W
Junction to board
θ
JB
113
°C/W
Junction to case
θ
JC
74
°C/W
Junction to top of package
Natural convection
Ψ
jt
21,5
°C/W
1
θ
JA and Ψjt parameters are simulated in accordance with EIA/JESD Standard 51-2 for natural convection. Freescale
recommends the use of
θ
JA and power dissipation specifications in the system design to prevent device junction
temperatures from exceeding the rated specification. System designers should be aware that device junction
temperatures can be significantly influenced by board layout and surrounding devices. Conformance to the device
junction temperature specification can be verified by physical measurement in the customer’s system using the
Ψ
jt
parameter, the device power dissipation, and the method described in EIA/JESD Standard 51-2.
2 Per JEDEC JESD51-6 with the board horizontal.
3 Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is
measured on the top surface of the board near the package.
4 Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883
Method 1012.1).
5 Thermal characterization parameter indicating the temperature difference between package top and the junction
temperature per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is
written as Psi-JT.
Table 4. DC Electrical Specifications
Characteristic
Symbol
Min
Max
Units
External (I/O pads) operation voltage range
EVDD
3.0
3.6
V
Memory (I/O pads) operation voltage range (DDR Memory)
SD VDD
2.30
2.70
V
Internal logic operation voltage range1
IVDD
1.43
1.58
V
PLL Analog operation voltage range1
PLL VDD
1.43
1.58
V
USB oscillator operation voltage range
USB_OSVDD
3.0
3.6
V
USB digital logic operation voltage range
USBVDD
3.0
3.6
V
USB PHY operation voltage range
USB_PHYVDD
3.0
3.6
V
USB oscillator analog operation voltage range
USB_OSCAVDD
1.43
1.58
V
USB PLL operation voltage range
USB_PLLVDD
1.43
1.58
V
Input high voltage SSTL 3.3V/2.5V2
VIH
VREF + 0.3
SD VDD + 0.3
V
Input low voltage SSTL 3.3V/2.5V2
VIL
VSS - 0.3
VREF - 0.3
V
Input high voltage 3.3V I/O pins
VIH
0.7 x EVDD
EVDD + 0.3
V
Input low voltage 3.3V I/O pins
VIL
VSS - 0.3
0.35 x EVDD
V
Table 3. Thermal Resistance (continued)
Characteristic
Symbol
Value
Unit


Similar Part No. - MCF5470

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5470 FREESCALE-MCF5470 Datasheet
706Kb / 28P
   MCF547x Integrated Microprocessor Electrical Characteristics
MCF5470 FREESCALE-MCF5470 Datasheet
3Mb / 3P
   CodeWarrior Development Studio for ColdFire짰 Architectures
MCF5470EC FREESCALE-MCF5470EC Datasheet
607Kb / 34P
   MCF547x ColdFire Microprocessor
More results

Similar Description - MCF5470

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF5329 FREESCALE-MCF5329_08 Datasheet
1,008Kb / 50P
   ColdFire짰 Microprocessor
MCF5208EC FREESCALE-MCF5208EC Datasheet
523Kb / 46P
   ColdFire짰 Microprocessor
MCF52277 FREESCALE-MCF52277 Datasheet
1Mb / 46P
   ColdFire짰 Microprocessor
MCF5475EC FREESCALE-MCF5475EC Datasheet
607Kb / 34P
   MCF547x ColdFire Microprocessor
MCF5251 FREESCALE-MCF5251_08 Datasheet
679Kb / 34P
   ColdFire짰 Microprocessor
MCF5373 FREESCALE-MCF5373_08 Datasheet
1Mb / 44P
   ColdFire짰 Microprocessor
MCF54455 FREESCALE-MCF54455_08 Datasheet
936Kb / 48P
   ColdFire짰 Microprocessor
MCF5484CZP200 FREESCALE-MCF5484CZP200 Datasheet
608Kb / 34P
   MCF548x ColdFire짰 Microprocessor
logo
NXP Semiconductors
MCF5485EC NXP-MCF5485EC Datasheet
737Kb / 34P
   MCF548x ColdFire짰 Microprocessor
Rev. 4, 12/2007
logo
Freescale Semiconductor...
MCF548X FREESCALE-MCF548X_07 Datasheet
596Kb / 34P
   MCF548x ColdFire짰 Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com