Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC2854CDDPBF Datasheet(PDF) 1 Page - Linear Technology

Part # LTC2854CDDPBF
Description  3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2854CDDPBF Datasheet(HTML) 1 Page - Linear Technology

  LTC2854CDDPBF Datasheet HTML 1Page - Linear Technology LTC2854CDDPBF Datasheet HTML 2Page - Linear Technology LTC2854CDDPBF Datasheet HTML 3Page - Linear Technology LTC2854CDDPBF Datasheet HTML 4Page - Linear Technology LTC2854CDDPBF Datasheet HTML 5Page - Linear Technology LTC2854CDDPBF Datasheet HTML 6Page - Linear Technology LTC2854CDDPBF Datasheet HTML 7Page - Linear Technology LTC2854CDDPBF Datasheet HTML 8Page - Linear Technology LTC2854CDDPBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC2854/LTC2855
1
285455fa
FEATURES
DESCRIPTION
APPLICATIONS
TYPICAL APPLICATION
PRODUCT SELECTION GUIDE
3.3V 20Mbps RS485/RS422
Transceivers with Integrated
Switchable Termination
The LTC®2854 and LTC2855 are low power, 20Mbps
RS485/RS422 transceivers operating on 3.3V supplies.
The receiver includes a logic-selectable 120Ω termina-
tion, one-eighth unit load supporting up to 256 nodes per
bus (C, I-Grade), and a failsafe feature that guarantees a
high output state under conditions of floating or shorted
inputs.
The driver maintains a high output impedance over the
entire common mode range when disabled or when the
supply is removed. Excessive power dissipation caused by
bus contention or a fault is prevented by current limiting
all outputs and by a thermal shutdown.
Enhanced ESD protection allows the LTC2854 to withstand
±25kV (human body model) and the LTC2855 to withstand
±15kV on the transceiver interface pins without latchup
or damage.
Low Power RS485/RS422 Transceiver
Level Translator
Backplane Transceiver
Integrated, Logic-Selectable 120Ω Termination
Resistor
3.3V Supply Voltage
20Mbps Maximum Data Rate
No Damage or Latchup Up to ±25kV HBM
High Input Impedance Supports 256 Nodes
(C, I-Grade)
Operation Up to 125°C (H-Grade)
Guaranteed Failsafe Receiver Operation Over the
Entire Common Mode Range
Current Limited Drivers and Thermal Shutdown
Delayed Micropower Shutdown: 5μA Maximum
(C, I-Grade)
Power Up/Down Glitch-Free Driver Outputs
Low Operating Current: 370μA Typical in
Receive Mode
Compatible with TIA/EIA-485-A Specifications
Available in 10-Pin 3mm × 3mm DFN, 12-Pin
4mm × 3mm DFN and 16-Pin SSOP Packages
LTC2854 at 20Mbps into 54Ω
PART NUMBER
DUPLEX
PACKAGE
LTC2854
HALF
DFN-10
LTC2855
FULL
SSOP-16, DFN-12
RE
TE
RO
DE
DI
R
D
285455 TA01
LTC2854
120
Ω
RE
RO
TE
DE
DI
R
D
LTC2854
120
Ω
RE
RO
TE DE
DI
R
D
LTC2854
120
Ω
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
20ns/DIV
2V/DIV
285455 TA01b
A-B
B
A
DI


Similar Part No. - LTC2854CDDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2854 LINER-LTC2854 Datasheet
340Kb / 18P
   20Mbps RS485 Transceivers
LTC2854 LINER-LTC2854 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2854 LINER-LTC2854 Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
LTC2854 LINER-LTC2854 Datasheet
1Mb / 32P
   짹60V Rugged PROFIBUS RS485 Transceivers
logo
Analog Devices
LTC2854 AD-LTC2854 Datasheet
478Kb / 22P
   짹60V Fault Protected 3V to 5.5V RS485/RS422 Transceiver with Level 4 IEC ESD
More results

Similar Description - LTC2854CDDPBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2854 LINER-LTC2854_15 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2855 LINER-LTC2855_15 Datasheet
227Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers with Integrated Switchable Termination
LTC2861 LINER-LTC2861_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859_15 Datasheet
344Kb / 18P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859IDD LINER-LTC2859IDD Datasheet
259Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2859 LINER-LTC2859 Datasheet
258Kb / 16P
   20Mbps RS485 Transceivers with Integrated Switchable Termination
LTC2851 LINER-LTC2851_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850 Datasheet
188Kb / 16P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2852 LINER-LTC2852_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
LTC2850 LINER-LTC2850_15 Datasheet
1Mb / 18P
   3.3V 20Mbps RS485/RS422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com