Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM6981D Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TSM6981D
Description  20V Dual P-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM6981D Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TSM6981D Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM6981D Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM6981D Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM6981D Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM6981D Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM6981D Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TSM6981D
20V Dual P-Channel MOSFET
5/6
Version: A07
TSSOP-8 Mechanical Drawing
TSSOP-8 DIMENSION
MILLIMETERS
INCHES
DIM
MIN
MAX
MIN
MAX
A
6.20
6.60
0.244
0.260
a
4.30
4.50
0.170
0.177
B
2.90
3.10
0.114
0.122
C
0.65 (typ)
0.025 (typ)
D
0.25
0.30
0.010
0.019
E
1.05
1.20
0.041
0.049
e
0.05
0.15
0.002
0.009
F
0.127
0.005
L
0.50
0.70
0.020
0.028


Similar Part No. - TSM6981D

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM6981DCARV TSC-TSM6981DCARV Datasheet
248Kb / 6P
   20V Dual P-Channel MOSFET
TSM6981DCARVG TSC-TSM6981DCARVG Datasheet
248Kb / 6P
   20V Dual P-Channel MOSFET
TSM6981D TSC-TSM6981D_10 Datasheet
248Kb / 6P
   20V Dual P-Channel MOSFET
More results

Similar Description - TSM6981D

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSFN2269 GOOD-ARK-SSFN2269 Datasheet
354Kb / 4P
   20V Dual P-Channel MOSFET
SSF2841 GOOD-ARK-SSF2841 Datasheet
431Kb / 4P
   20V Dual P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM9434D TSC-TSM9434D Datasheet
380Kb / 6P
   20V Dual P-Channel MOSFET
TSM9434D TSC-TSM9434D_08 Datasheet
368Kb / 6P
   20V Dual P-Channel MOSFET
TSM3911D TSC-TSM3911D_09 Datasheet
305Kb / 6P
   20V Dual P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2129H3 GOOD-ARK-SSF2129H3 Datasheet
739Kb / 6P
   20V Dual P-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM6963SD_1011 TSC-TSM6963SD_1011 Datasheet
361Kb / 6P
   20V Dual P-Channel MOSFET
TSM4433D TSC-TSM4433D Datasheet
357Kb / 6P
   20V Dual P-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2129H3 GOOD-ARK-SSF2129H3_15 Datasheet
733Kb / 6P
   20V Dual P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON4803 AOSMD-AON4803_12 Datasheet
313Kb / 5P
   20V Dual P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com