Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1597 Datasheet(PDF) 7 Page - Linear Technology

Part # LTC1597
Description  16-/14-/12-Bit VOUT DACs in 3mm3mm DFN
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1597 Datasheet(HTML) 7 Page - Linear Technology

Back Button LTC1597 Datasheet HTML 3Page - Linear Technology LTC1597 Datasheet HTML 4Page - Linear Technology LTC1597 Datasheet HTML 5Page - Linear Technology LTC1597 Datasheet HTML 6Page - Linear Technology LTC1597 Datasheet HTML 7Page - Linear Technology LTC1597 Datasheet HTML 8Page - Linear Technology LTC1597 Datasheet HTML 9Page - Linear Technology LTC1597 Datasheet HTML 10Page - Linear Technology LTC1597 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
LTC2641/LTC2642
7
26412f
TYPICAL PERFORMANCE CHARACTERISTICS
Bipolar Gain Error vs Temperature
Unbuffered Zero Scale Error vs
Temperature (LTC2641-16)
Unbuffered Full-Scale Error vs
Temperature (LTC2641-16)
14-Bit Integral Nonlinearity (INL)
(LTC2642-14)
IREF vs Code (Unipolar LTC2641)
14-Bit Differential Nonlinearity
(DNL) (LTC2642-14)
12-Bit Integral Nonlinearity (INL)
(LTC2642-12)
12-Bit Differential Nonlinearity
(DNL) (LTC2642-12)
TEMPERATURE (
°C)
–40
1
3
60
26412 G10
–1
–3
0
2
4
5
–2
–4
–5
–15
10
35
85
VREF = 2.5V
VDD = 5V
TEMPERATURE (
°C)
–40
1.0
0.8
0.6
0.4
0.2
–0.2
–0.4
–0.6
–0.8
60
26412 G11
0
–1.0
–15
10
35
85
TEMPERATURE (
°C)
–40
60
26412 G12
–15
10
35
85
1.0
0.8
0.6
0.4
0.2
–0.2
0
–0.4
–0.6
–0.8
–1.0
CODE
0
100
150
65535
26412 G15
50
0
16384
32768
49152
250
200
VREF = 2.5V
CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
1024
2048
26412 G16
–0.6
0.6
0.8
0.2
3072
4095
LTC2642-12
VREF = 2.5V
VDD = 5V
CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
1024
2048
26412 G17
–0.6
0.6
0.8
0.2
3072
4095
LTC2642-12
VREF = 2.5V
VDD = 5V
CODE
0
100
150
65535
26412 G18
50
0
16384
32768
49152
250
200
VREF = 2.5V
IREF vs Code (Bipolar LTC2642)
CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
4096
8192
26412 G13
–0.6
0.6
0.8
0.2
12288
16383
LTC2642-14
VREF = 2.5V
VDD = 5V
CODE
0
–1.0
–0.8
–0.4
–0.2
0
1.0
0.4
4096
8192
26412 G14
–0.6
0.6
0.8
0.2
12288
16383
LTC2642-14
VREF = 2.5V
VDD = 5V


Similar Part No. - LTC1597

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1597 LINER-LTC1597 Datasheet
386Kb / 20P
   14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
LTC1597 LINER-LTC1597 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC1597 LINER-LTC1597 Datasheet
264Kb / 20P
   18-Bit SoftSpan IOUT DAC with Parallel I/O
LTC1597 LINER-LTC1597 Datasheet
233Kb / 20P
   14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
LTC1597-1ACG LINER-LTC1597-1ACG Datasheet
386Kb / 20P
   14-Bit and 16-Bit Parallel Low Glitch Multiplying DACs with 4-Quadrant Resistors
More results

Similar Description - LTC1597

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2642 LINER-LTC2642_15 Datasheet
304Kb / 24P
   16-/14-/12-Bit VOUT DACs
LTC2641 LINER-LTC2641_15 Datasheet
304Kb / 24P
   16-/14-/12-Bit VOUT DACs
LTC3447 LINER-LTC3447 Datasheet
564Kb / 16P
   I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
LT3686 LINER-LT3686 Datasheet
557Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
LT3505 LINER-LT3505 Datasheet
812Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
LT3466-1 LINER-LT3466-1 Datasheet
409Kb / 20P
   White LED Driver and Boost Converter in 3mm 횞 3mm DFN Package
LTC2601 LINER-LTC2601 Datasheet
321Kb / 16P
   16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
LTC2611 LINER-LTC2611_15 Datasheet
246Kb / 16P
   16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
LTC2601 LINER-LTC2601_15 Datasheet
246Kb / 16P
   16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com