Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1592 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC1592
Description  16-/14-/12-Bit VOUT DACs in 3mm3mm DFN
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1592 Datasheet(HTML) 4 Page - Linear Technology

  LTC1592 Datasheet HTML 1Page - Linear Technology LTC1592 Datasheet HTML 2Page - Linear Technology LTC1592 Datasheet HTML 3Page - Linear Technology LTC1592 Datasheet HTML 4Page - Linear Technology LTC1592 Datasheet HTML 5Page - Linear Technology LTC1592 Datasheet HTML 6Page - Linear Technology LTC1592 Datasheet HTML 7Page - Linear Technology LTC1592 Datasheet HTML 8Page - Linear Technology LTC1592 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
LTC2641/LTC2642
4
26412f
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Reference Input
VREF
Reference Input Range
2.0
VDD
V
RREF
Reference Input Resistance (Note 5)
Unipolar Mode (LTC2641)
Bipolar Mode (LTC2642)
11
8.5
14.8
11.4
k
Ω
k
Ω
Dynamic Performance—VOUT
SR
Voltage Output Slew Rate
Measured from 10% to 90%
15
V/μs
Output Settling Time
To ±0.5LSB of FS
1
μs
DAC Glitch Impulse
Major Carry Transition
0.5
nV•s
Digital Feedthrough
Code = 0000hex; NCS = VDD;
SCLK, DIN 0V to VDD Levels
0.2
nV•s
Dynamic Performance—Reference Input
BW
Reference –3dB Bandwidth
Code = FFFFhex
1.3
MHz
Reference Feedthrough
Code = 0000hex, VREF = 1VP-P at 100kHz
1
mVP-P
SNR
Signal-to-Noise Ratio
92
dB
CIN(REF)
Reference Input Capacitance
Code = 0000hex
Code = FFFFhex
75
120
pF
pF
Digital Inputs
VIH
Digital Input High Voltage
VCC = 3.6V to 5.5V
VCC = 2.7V to 3.6V
2.4
2.0
V
V
VIL
Digital Input Low Voltage
VCC = 4.5V to 5.5V
VCC = 2.7V to 4.5V
0.8
0.6
V
V
The
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 3V or 5V, VREF = 2.5V, CL = 10pF, GND = 0, RL = ∞ unless
otherwise specified.
SYMBOL PARAMETER
CONDITIONS
LTC2641-12
LTC2642-12
LTC2641-14
LTC2642-14
LTC2641-16
LTC2642-16
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
Static Peformance
N
Resolution
12
14
16
Bits
Monotonicity
12
14
16
Bits
DNL
Differential Nonlinearity
(Note 2)
±0.5
±0.5
±1
±0.5
±1
LSB
INL
Integral Nonlinearity
(Note 2)
±0.5
±0.5
±1
±0.5
±2
LSB
ZSE
Zero Code Offset Error
Code = 0
122
LSB
ZSTC
Zero Code Tempco
±0.05
±0.05
±0.05
ppm/°C
GE
Gain Error
±0.5
±2
±1
±4
±2
±5
LSB
GETC
Gain Error Tempco
±0.1
±0.1
±0.1
ppm/°C
ROUT
DAC Output Resistance
(Note 4)
6.2
6.2
6.2
k
Ω
Bipolar Resistor Matching
(LTC2642) RFB/RINV
111
Ratio Error (Note 7)
±0.1
±0.03
±0.015
%
BZE
Bipolar Zero Offset Error
(LTC2642)
±0.5
±2
±0.5
±4
±2
±5
LSB
BZSTC
Bipolar Zero Tempco
(LTC2642)
±0.1
±0.1
±0.1
ppm/°C
PSR
Power Supply Rejection
ΔVDD = ±10%
±0.5
±0.5
±1
LSB
The
denotes the specifications which apply over the full operating temperature range, otherwise specifications are at TA = 25°C.
VDD = 3V or 5V, VREF = 2.5V, CL = 10pF, GND = 0, RL = ∞ unless otherwise specified.


Similar Part No. - LTC1592

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
LTC1592 LINEAR-LTC1592 Datasheet
272Kb / 16P
   12-/14-/16-Bit SoftSpan DACs with Programmable Output Range
logo
Linear Technology
LTC1592 LINER-LTC1592 Datasheet
285Kb / 24P
   Dual Current Output 12-/14-/16-Bit SoftSpan DACs with Parallel I/O
LTC1592 LINER-LTC1592 Datasheet
264Kb / 20P
   18-Bit SoftSpan IOUT DAC with Parallel I/O
LTC1592 LINER-LTC1592 Datasheet
648Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps
LTC1592 LINER-LTC1592 Datasheet
358Kb / 18P
   Serial 12-Bit/14-Bit, 3.5Msps
More results

Similar Description - LTC1592

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2642 LINER-LTC2642_15 Datasheet
304Kb / 24P
   16-/14-/12-Bit VOUT DACs
LTC2641 LINER-LTC2641_15 Datasheet
304Kb / 24P
   16-/14-/12-Bit VOUT DACs
LTC3447 LINER-LTC3447 Datasheet
564Kb / 16P
   I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
LT3686 LINER-LT3686 Datasheet
557Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
LT3505 LINER-LT3505 Datasheet
812Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
LT3466-1 LINER-LT3466-1 Datasheet
409Kb / 20P
   White LED Driver and Boost Converter in 3mm 횞 3mm DFN Package
LTC2601 LINER-LTC2601 Datasheet
321Kb / 16P
   16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
LTC2611 LINER-LTC2611_15 Datasheet
246Kb / 16P
   16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
LTC2601 LINER-LTC2601_15 Datasheet
246Kb / 16P
   16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com