Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LCZP Datasheet(PDF) 5 Page - Linear Technology

Part # LCZP
Description  16-/14-/12-Bit VOUT DACs in 3mm3mm DFN
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LCZP Datasheet(HTML) 5 Page - Linear Technology

  LCZP Datasheet HTML 1Page - Linear Technology LCZP Datasheet HTML 2Page - Linear Technology LCZP Datasheet HTML 3Page - Linear Technology LCZP Datasheet HTML 4Page - Linear Technology LCZP Datasheet HTML 5Page - Linear Technology LCZP Datasheet HTML 6Page - Linear Technology LCZP Datasheet HTML 7Page - Linear Technology LCZP Datasheet HTML 8Page - Linear Technology LCZP Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LTC2641/LTC2642
5
26412f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: Continuous operation above the specified maximum operating
junction temperature may impair device reliability.
Note 3: LTC2641-16/LTC2642-16 ±1LSB = ±0.0015% = ±15.3ppm of full
scale. LTC2641-14/LTC2642-14 ±1LSB = ±0.006% = ±61ppm of full scale.
LTC2641-12/LTC2642-12 ±1LSB = ±0.024% = ±244ppm of full scale.
ELECTRICAL CHARACTERISTICS The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VDD = 3V or 5V, VREF = 2.5V, CL = 10pF, GND = 0, RL = ∞ unless
otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
IIN
Digital Input Current
VIN = GND to VCC
±1
μA
CIN
Digital Input Capacitance
(Note 6)
310
pF
VH
Hysteresis Voltage
0.15
V
Power Supply
VDD
Supply Voltage
2.7
5.5
V
IDD
Supply Current, VDD
Digital Inputs = 0V or VDD
120
200
μA
PD
Power Dissipation
Digital Inputs = 0V or VDD, VDD = 5V
Digital Inputs = 0V or VDD, VDD = 3V
0.60
0.36
mW
mW
TIMING CHARACTERISTICS The denotes the specifications which apply over the full operating temperature
range, otherwise specifications are at TA = 25°C. VDD = 3V or 5V, VREF = 2.5V, CL = 10pF, GND = 0, RL = ∞ unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
t1
DIN Valid to SCLK Setup Time
10
ns
t2
DIN Valid to SCLK Hold Time
0ns
t3
SCLK Pulse Width High
9ns
t4
SCLK Pulse Width Low
9ns
t5
⎯C⎯S Pulse High Width
10
ns
t6
LSB SCLK High to ⎯C⎯S High
8ns
t7
⎯C⎯S Low to SCLK High
8ns
t8
⎯C⎯S High to SCLK Positive Edge
8ns
t9
⎯C⎯L⎯R Pulse Width Low
15
ns
fSCLK
SCLK Frequency
50% Duty Cycle
50
MHz
VDD High to ⎯C⎯S Low (Power-Up Delay)
30
μs
Note 4: ROUT tolerance is typically ±20%.
Note 5: Reference input resistance is code dependent. Minimum is at
871Chex (34,588) in unipolar mode and at 671Chex (26, 396) in bipolar
mode.
Note 6: Guaranteed by design and not production tested.
Note 7: Guaranteed by gain error and offset error testing, not production
tested.


Similar Part No. - LCZP

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
LCZ HONEYWELL-LCZ Datasheet
185Kb / 4P
   Hall-effect Zero Speed Sensors
LCZ260 HONEYWELL-LCZ260 Datasheet
185Kb / 4P
   Hall-effect Zero Speed Sensors
LCZ260-30 HONEYWELL-LCZ260-30 Datasheet
185Kb / 4P
   Hall-effect Zero Speed Sensors
LCZ460 HONEYWELL-LCZ460 Datasheet
185Kb / 4P
   Hall-effect Zero Speed Sensors
LCZ460-30 HONEYWELL-LCZ460-30 Datasheet
185Kb / 4P
   Hall-effect Zero Speed Sensors
More results

Similar Description - LCZP

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2642 LINER-LTC2642_15 Datasheet
304Kb / 24P
   16-/14-/12-Bit VOUT DACs
LTC2641 LINER-LTC2641_15 Datasheet
304Kb / 24P
   16-/14-/12-Bit VOUT DACs
LTC3447 LINER-LTC3447 Datasheet
564Kb / 16P
   I2C Controllable Buck Regulator in 3mm 횞 3mm DFN
LTC3409A LINER-LTC3409A Datasheet
314Kb / 16P
   600mA Low VIN Buck Regulator in 3mm 횞 3mm DFN
LT3686 LINER-LT3686 Datasheet
557Kb / 28P
   37V/1.2A Step-Down Regulator in 3mm 횞 3mm DFN
LT3505 LINER-LT3505 Datasheet
812Kb / 24P
   1.2A, Step-Down Switching Regulator in 3mm 횞 3mm DFN
LT3466-1 LINER-LT3466-1 Datasheet
409Kb / 20P
   White LED Driver and Boost Converter in 3mm 횞 3mm DFN Package
LTC2601 LINER-LTC2601 Datasheet
321Kb / 16P
   16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
LTC2611 LINER-LTC2611_15 Datasheet
246Kb / 16P
   16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
LTC2601 LINER-LTC2601_15 Datasheet
246Kb / 16P
   16-/14-/12-Bit Rail-to-Rail DACs in 10-Lead DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com