Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM3900DCX6RF Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TSM3900DCX6RF
Description  20V Dual N-Channel MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TSM3900DCX6RF Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TSM3900DCX6RF Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TSM3900DCX6RF Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TSM3900DCX6RF Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TSM3900DCX6RF Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TSM3900DCX6RF Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TSM3900DCX6RF Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TSM3900D
20V Dual N-Channel MOSFET
1/6
Version: A07
SOT-26
Features
Advance Trench Process Technology
High Density Cell Design for Ultra Low On-resistance
Application
Load Switch
PA Switch
Ordering Information
Part No.
Package
Packing
TSM3900DCX6 RF
SOT-26
T&R
Absolute Maximum Rating (Ta = 25 oC unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±8
V
Continuous Drain Current
ID
2
A
Pulsed Drain Current
IDM
8
A
Continuous Source Current (Diode Conduction)
a,b
IS
1.6
A
Ta = 25
oC
2.0
Maximum Power Dissipation
Ta = 70
oC
PD
1.3
W
Operating Junction Temperature
TJ
+150
oC
Operating Junction and Storage Temperature Range
TJ, TSTG
-55 to +150
oC
Thermal Performance
Parameter
Symbol
Limit
Unit
Junction to CaseThermal Resistance
JC
30
oC/W
Junction to Ambient Thermal Resistance (PCB mounted)
JA
80
oC/W
Notes:
a. Pulse width limited by the Maximum junction temperature
b. Surface Mounted on FR4 Board, t ≤ 5 sec.
PRODUCT SUMMARY
VDS (V)
RDS(on)(mΩ)
ID (A)
55 @ VGS = 4.5V
2.0
70 @ VGS = 2.5V
1.5
20
110 @ VGS = 1.8V
1.0
Block Diagram
Dual N-Channel MOSFET
Pin Definition:
1. Gate 1
6. Drain 1
2. Source 2
5. Source 1
3. Gate 2
4. Drain 2


Similar Part No. - TSM3900DCX6RF

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM3900DCX6RF TSC-TSM3900DCX6RF Datasheet
334Kb / 6P
   20V Dual N-Channel MOSFET
More results

Similar Description - TSM3900DCX6RF

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF2418EB GOOD-ARK-SSF2418EB Datasheet
545Kb / 4P
   20V Dual N-Channel MOSFET
SSF2418E GOOD-ARK-SSF2418E Datasheet
553Kb / 6P
   20V Dual N-Channel MOSFET
SSF2816EB GOOD-ARK-SSF2816EB Datasheet
483Kb / 4P
   20V Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO6804A AOSMD-AO6804A Datasheet
204Kb / 5P
   20V Dual N-Channel MOSFET
AON7820 AOSMD-AON7820 Datasheet
297Kb / 6P
   20V Dual N-Channel MOSFET
logo
Taiwan Semiconductor Co...
TSM9926D TSC-TSM9926D_08 Datasheet
390Kb / 6P
   20V Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AON3806 AOSMD-AON3806_12 Datasheet
237Kb / 5P
   20V Dual N-Channel MOSFET
AON3810 AOSMD-AON3810 Datasheet
120Kb / 4P
   20V Dual N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2122E GOOD-ARK-SSF2122E_15 Datasheet
1Mb / 8P
   20V Dual N-Channel MOSFET
SSF2112H2 GOOD-ARK-SSF2112H2_15 Datasheet
811Kb / 7P
   20V Dual N-Channel MOSFET
SSF2814E GOOD-ARK-SSF2814E_15 Datasheet
471Kb / 4P
   20V Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com