Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP88N055DLE-S12-AY Datasheet(PDF) 1 Page - NEC

Part # NP88N055DLE-S12-AY
Description  MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NP88N055DLE-S12-AY Datasheet(HTML) 1 Page - NEC

  NP88N055DLE-S12-AY Datasheet HTML 1Page - NEC NP88N055DLE-S12-AY Datasheet HTML 2Page - NEC NP88N055DLE-S12-AY Datasheet HTML 3Page - NEC NP88N055DLE-S12-AY Datasheet HTML 4Page - NEC NP88N055DLE-S12-AY Datasheet HTML 5Page - NEC NP88N055DLE-S12-AY Datasheet HTML 6Page - NEC NP88N055DLE-S12-AY Datasheet HTML 7Page - NEC NP88N055DLE-S12-AY Datasheet HTML 8Page - NEC NP88N055DLE-S12-AY Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
MOS FIELD EFFECT TRANSISTOR
NP88N055ELE, NP88N055KLE
NP88N055CLE, NP88N055DLE, NP88N055MLE, NP88N055NLE
SWITCHING
N-CHANNEL POWER MOS FET
DATA SHEET
Document No. D13933EJ7V0DS00 (7th edition)
Date Published October 2007 NS
Printed in Japan
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
1999, 2000, 2007
DESCRIPTION
These products are N-channel MOS Field Effect Transistors designed for high current switching applications.
ORDERING INFORMATION
PART NUMBER
LEAD PLATING
PACKING
PACKAGE
NP88N055ELE-E1-AY
Note1, 2
NP88N055ELE-E2-AY
Note1, 2
TO-263 (MP-25ZJ) typ. 1.4 g
NP88N055KLE-E1-AY
Note1
NP88N055KLE-E2-AY
Note1
Pure Sn (Tin)
Tape 800 p/reel
TO-263 (MP-25ZK) typ. 1.5 g
NP88N055CLE-S12-AZ
Note1, 2
Sn-Ag-Cu
TO-220 (MP-25) typ. 1.9 g
NP88N055DLE-S12-AY
Note1, 2
TO-262 (MP-25 Fin Cut) typ. 1.8 g
NP88N055MLE-S18-AY
Note1
TO-220 (MP-25K) typ. 1.9 g
NP88N055NLE-S18-AY
Note1
Pure Sn (Tin)
Tube 50 p/tube
TO-262 (MP-25SK) typ. 1.8 g
Notes 1. Pb-free (This product does not contain Pb in the external electrode.)
2. Not for new design
FEATURES
• Channel temperature 175 degree rated
• Super low on-state resistance
RDS(on)1 = 5.2 m
Ω MAX. (VGS = 10 V, ID = 44 A)
RDS(on)2 = 6.3 m
Ω MAX. (VGS = 5.0 V, ID = 44 A)
RDS(on)3 = 6.8 m
Ω MAX. (VGS = 4.5 V, ID = 44 A)
• Low input capacitance
Ciss = 9700 pF TYP.
• Built-in gate protection diode
(TO-220)
(TO-262)
(TO-263)
<R>


Similar Part No. - NP88N055DLE-S12-AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP88N055DLE-S12-AY RENESAS-NP88N055DLE-S12-AY Datasheet
421Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
More results

Similar Description - NP88N055DLE-S12-AY

ManufacturerPart #DatasheetDescription
logo
NEC
NP80N03ELE NEC-NP80N03ELE_07 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N04EHE NEC-NP80N04EHE Datasheet
212Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N055EHE NEC-NP80N055EHE Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP84N075EUE NEC-NP84N075EUE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP109N04PUG NEC-NP109N04PUG Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP40N055ELE NEC-NP40N055ELE Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP70N04MUG NEC-NP70N04MUG Datasheet
242Kb / 8P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N03EDE NEC-NP80N03EDE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP82N055CHE NEC-NP82N055CHE_07 Datasheet
214Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP84N055EHE NEC-NP84N055EHE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP86N04EHE NEC-NP86N04EHE Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com