Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LTC1865 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC1865
Description  Easy-to-Use, Ultra-Tiny, Differential, 16-Bit ADC With I2C Interface
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1865 Datasheet(HTML) 1 Page - Linear Technology

  LTC1865 Datasheet HTML 1Page - Linear Technology LTC1865 Datasheet HTML 2Page - Linear Technology LTC1865 Datasheet HTML 3Page - Linear Technology LTC1865 Datasheet HTML 4Page - Linear Technology LTC1865 Datasheet HTML 5Page - Linear Technology LTC1865 Datasheet HTML 6Page - Linear Technology LTC1865 Datasheet HTML 7Page - Linear Technology LTC1865 Datasheet HTML 8Page - Linear Technology LTC1865 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC2453
1
2453f
DIFFERENTIAL INPUT VOLTAGE (V)
–3
–0.5
0
0.5
0
2
2453 G02
–1.0
–1.5
–2.0
–2
–1
1
1.0
1.5
2.0
3
VCC = 3V
VREF
+ = 3V
VREF
= 0V
TA = –45°C, 25°C, 90°C
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Easy-to-Use, Ultra-Tiny,
Differential, 16-Bit
ΔΣ ADC
With I2C Interface
The LTC®2453 is an ultra-tiny, fully differential, 16-bit,
analog-to-digital converter. The LTC2453 uses a single
2.7V to 5.5V supply and communicates through an I2C
interface. The ADC is available in an 8-pin, 3mm
× 2mm
DFN package. It includes an integrated oscillator that does
not require any external components. It uses a delta-sigma
modulator as a converter core and has no latency for
multiplexed applications. The LTC2453 includes a pro-
prietary input sampling scheme that reduces the average
input sampling current several orders of magnitude lower
than conventional delta-sigma converters. Additionally,
due to its architecture, there is negligible current leakage
between the input pins.
The LTC2453 can sample at 60 conversions per second,
and due to the very large oversampling ratio, has ex-
tremely relaxed antialiasing requirements. The LTC2453
includes continuous internal offset and full-scale calibration
algorithms which are transparent to the user, ensuring
accuracy over time and over the operating temperature
range. The converter has external REF+ and REFpins
and the differential input voltage range can extend up to
±(VREF+ – VREF–).
Following a single conversion, the LTC2453 can auto-
matically enter a sleep mode and reduce its power to less
than 0.2μA. If the user reads the ADC once a second, the
LTC2453 consumes an average of less than 50μW from
a 2.7V supply.
±VCC Differential Input Range
16-Bit Resolution (Including Sign), No Missing
Codes
2LSB Offset Error
4LSB Full-Scale Error
60 Conversions Per Second
Single Conversion Settling Time for Multiplexed
Applications
Single-Cycle Operation with Auto Shutdown
800μA Supply Current
0.2μA Sleep Current
Internal Oscillator—No External Components
Required
2-Wire I2C Interface
Ultra-Tiny 3mm
× 2mm DFN Package
APPLICATIONS
System Monitoring
Environmental Monitoring
Direct Temperature Measurements
Instrumentation
Industrial Process Control
Data Acquisition
Embedded ADC Upgrades
10k
10k
10k
R
SCL
2-WIRE I2C
INTERFACE
SDA
0.1
μF
0.1
μF10μF
2.7V TO 5.5V
0.1
μF
IN+
REF+
VCC
REF
GND
IN
LTC2453
2453 TA01
Integral Nonlinearity, VCC = 3V
, LT, LTC and LTM are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
Protected by U.S. Patents, including 6208279, 6411242, 7088280, 7164378.


Similar Part No. - LTC1865

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1865 LINER-LTC1865 Datasheet
376Kb / 20P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1865 LINER-LTC1865 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC1865 LINER-LTC1865 Datasheet
375Kb / 24P
   關Power, 16-Bit, 250ksps 1- and 2-Channel ADCs in MSOP
LTC1865 LINER-LTC1865 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
LTC1865 LINER-LTC1865 Datasheet
648Kb / 22P
   Serial 12-Bit/14-Bit, 2.8Msps
More results

Similar Description - LTC1865

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2450-1 LINER-LTC2450-1_15 Datasheet
208Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2450-1 LINER-LTC2450-1 Datasheet
206Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2450 LINER-LTC2450_15 Datasheet
208Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2450 LINER-LTC2450 Datasheet
633Kb / 20P
   Easy-to-Use, Ultra-Tiny 16-Bit ADC
LTC2453 LINER-LTC2453_1 Datasheet
200Kb / 18P
   Ultra-Tiny, Differential, 16-Bit ?誇 ADC With I2C Interface
LTC2451 LINER-LTC2451_15 Datasheet
1Mb / 20P
   Ultra-Tiny, 16-Bit ADC with I2C Interface
LTC2451 LINER-LTC2451_1 Datasheet
251Kb / 18P
   Ultra-Tiny, 16-Bit DS ADC with I2C Interface
LTC2451 LINER-LTC2451 Datasheet
223Kb / 16P
   Ultra-Tiny, 16-Bit ?誇 ADC with I2C Interface
LTC2452 LINER-LTC2452_15 Datasheet
484Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface
LTC2452 LINER-LTC2452_11 Datasheet
507Kb / 22P
   Ultra-Tiny, Differential, 16-Bit ADC with SPI Interface SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com