Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP109N04PUG Datasheet(PDF) 4 Page - NEC

Part # NP109N04PUG
Description  MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NP109N04PUG Datasheet(HTML) 4 Page - NEC

  NP109N04PUG Datasheet HTML 1Page - NEC NP109N04PUG Datasheet HTML 2Page - NEC NP109N04PUG Datasheet HTML 3Page - NEC NP109N04PUG Datasheet HTML 4Page - NEC NP109N04PUG Datasheet HTML 5Page - NEC NP109N04PUG Datasheet HTML 6Page - NEC NP109N04PUG Datasheet HTML 7Page - NEC NP109N04PUG Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Data Sheet D18590EJ2V0DS
4
NP109N04PUG
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
FORWARD TRANSFER CHARACTERISTICS
0
100
200
300
400
500
0
0.2
0.4
0.6
0.8
1
VGS = 10 V
Pulsed
VDS - Drain to Source Voltage - V
0.1
1
10
100
1000
01
23
4
5
6
VDS = 10 V
Pulsed
Tch =
−55°C
25
°C
75
°C
150
°C
175
°C
VGS - Gate to Source Voltage - V
GATE TO SOURCE THRESHOLD VOLTAGE vs.
CHANNEL TEMPERATURE
FORWARD TRANSFER ADMITTANCE vs.
DRAIN CURRENT
0
0.5
1
1.5
2
2.5
3
3.5
-100
-50
0
50
100
150
200
VDS = VGS
ID = 250
μA
Tch - Channel Temperature -
°C
0.1
1
10
100
0.1
1
10
100
VDS = 10 V
Pulsed
Tch =
−55°C
25
°C
75
°C
150
°C
175
°C
ID - Drain Current - A
DRAIN TO SOURCE ON-STATE RESISTANCE
vs.
DRAIN CURRENT
DRAIN TO SOURCE ON-STATE RESISTANCE
vs.
GATE TO SOURCE VOLTAGE
0
1
2
3
4
1
10
100
1000
VGS = 10 V
Pulsed
ID - Drain Current - A
0
5
10
0
5
10
15
20
ID = 55 A
Pulsed
VGS - Gate to Source Voltage - V


Similar Part No. - NP109N04PUG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP109N04PUG RENESAS-NP109N04PUG Datasheet
5Mb / 6P
   Product Scout Automotive
NP109N04PUG-E1-AYNote RENESAS-NP109N04PUG-E1-AYNote Datasheet
291Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP109N04PUG-E2-AYNote RENESAS-NP109N04PUG-E2-AYNote Datasheet
291Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
NP109N04PUG RENESAS-NP109N04PUG_15 Datasheet
291Kb / 10P
   SWITCHING N-CHANNEL POWER MOS FET
More results

Similar Description - NP109N04PUG

ManufacturerPart #DatasheetDescription
logo
NEC
NP80N03ELE NEC-NP80N03ELE_07 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N04EHE NEC-NP80N04EHE Datasheet
212Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N055EHE NEC-NP80N055EHE Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP84N075EUE NEC-NP84N075EUE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP40N055ELE NEC-NP40N055ELE Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP70N04MUG NEC-NP70N04MUG Datasheet
242Kb / 8P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N03EDE NEC-NP80N03EDE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP82N055CHE NEC-NP82N055CHE_07 Datasheet
214Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP84N055EHE NEC-NP84N055EHE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP86N04EHE NEC-NP86N04EHE Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com