Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP84N055MHE-S18-AY Datasheet(PDF) 6 Page - NEC

Part # NP84N055MHE-S18-AY
Description  MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NP84N055MHE-S18-AY Datasheet(HTML) 6 Page - NEC

Back Button NP84N055MHE-S18-AY Datasheet HTML 2Page - NEC NP84N055MHE-S18-AY Datasheet HTML 3Page - NEC NP84N055MHE-S18-AY Datasheet HTML 4Page - NEC NP84N055MHE-S18-AY Datasheet HTML 5Page - NEC NP84N055MHE-S18-AY Datasheet HTML 6Page - NEC NP84N055MHE-S18-AY Datasheet HTML 7Page - NEC NP84N055MHE-S18-AY Datasheet HTML 8Page - NEC NP84N055MHE-S18-AY Datasheet HTML 9Page - NEC NP84N055MHE-S18-AY Datasheet HTML 10Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Data Sheet D14099EJ6V0DS
6
NP84N055EHE, NP84N055KHE, NP84N055CHE, NP84N055DHE, NP84N055MHE, NP84N055NHE
Figure12. DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature -
°C
0
−50
2
4
6
0
50
100
150
ID = 42 A
8
10
12
VGS = 10 V
Pulsed
Figure13. SOURCE TO DRAIN DIODE
FORWARD VOLTAGE
1.0
0
1.5
VF(S-D) - Source to Drain Voltage - V
0.5
Pulsed
VGS = 10 V
0 V
0.1
1
10
100
1000
Figure14. CAPACITANCE vs. DRAIN TO
SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
100
0.1
1000
10000
100000
110
100
VGS = 0 V
f = 1 MHz
Ciss
Coss
Crss
Figure15. SWITCHING CHARACTERISTICS
ID - Drain Current - A
10
1
1
0.1
100
1000
10
100
tf
tr
td(on)
td(off)
VDD = 28 V
VGS = 10 V
RG = 1
Ω
Figure16. REVERSE RECOVERY TIME vs.
DIODE FORWARD CURRENT
IF - Diode Forward Current - A
di/dt = 100 A/
μs
VGS = 0 V
1
0.1
10
1.0
10
100
1000
100
Figure17. DYNAMIC INPUT/OUTPUT CHARACTERISTICS
QG - Gate Charge - nC
20
40
80
120
50
40
30
20
10
0
VDD = 44 V
28 V
11 V
VDS
0
60
100
10
8
6
4
2
0
VGS
ID = 84 A


Similar Part No. - NP84N055MHE-S18-AY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP84N055MHE-S18-AY RENESAS-NP84N055MHE-S18-AY Datasheet
306Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
NP84N055MHE-S18-AYNote1 RENESAS-NP84N055MHE-S18-AYNote1 Datasheet
306Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
More results

Similar Description - NP84N055MHE-S18-AY

ManufacturerPart #DatasheetDescription
logo
NEC
NP80N03ELE NEC-NP80N03ELE_07 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N04EHE NEC-NP80N04EHE Datasheet
212Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N055EHE NEC-NP80N055EHE Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP84N075EUE NEC-NP84N075EUE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP109N04PUG NEC-NP109N04PUG Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP40N055ELE NEC-NP40N055ELE Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP70N04MUG NEC-NP70N04MUG Datasheet
242Kb / 8P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N03EDE NEC-NP80N03EDE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP82N055CHE NEC-NP82N055CHE_07 Datasheet
214Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP86N04EHE NEC-NP86N04EHE Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com