Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP40N055MHE Datasheet(PDF) 4 Page - NEC

Part # NP40N055MHE
Description  MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NP40N055MHE Datasheet(HTML) 4 Page - NEC

  NP40N055MHE Datasheet HTML 1Page - NEC NP40N055MHE Datasheet HTML 2Page - NEC NP40N055MHE Datasheet HTML 3Page - NEC NP40N055MHE Datasheet HTML 4Page - NEC NP40N055MHE Datasheet HTML 5Page - NEC NP40N055MHE Datasheet HTML 6Page - NEC NP40N055MHE Datasheet HTML 7Page - NEC NP40N055MHE Datasheet HTML 8Page - NEC NP40N055MHE Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Data Sheet D14092EJ6V0DS
4
NP40N055EHE, NP40N055KHE, NP40N055CHE, NP40N055DHE, NP40N055MHE, NP40N055NHE
TYPICAL CHARACTERISTICS (TA = 25
°C)
Figure2. TOTAL POWER DISSIPATION vs.
CASE TEMPERATURE
TC - Case Temperature -
°C
0
0
25
50
75
100
125
150
175
200
70
60
50
40
30
20
10
Figure.3 FORWARD BIAS SAFE OPERATING AREA
Figure1. DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
0
0
25
50
75
100
125
150
175
200
20
40
60
80
100
Figure4. SINGLE AVALANCHE ENERGY
DERATING FACTOR
Starting Tch - Starting Channel Temperature -
°C
0
25
30
40
50
60
50
75
100
125
150
175
10
20
TC - Case Temperature -
°C
IAS = 7 A
0.8 mJ
49 mJ
44 mJ
29 A
21 A
Figure5. TRANSIENT THERMAL RESISTANCE vs. PULSE WIDTH
PW - Pulse Width - s
10
0.01
0.1
1
100
1000
1 m
10 m
100 m
1
10
100
1000
Single Pulse
Rth(ch-A) = 83.3
°C/W
10
100
Rth(ch-C) = 2.27
°C/W
μ
μ
VDS - Drain to Source Voltage - V
1
0.1
10
100
1000
1
10
100
TC = 25
°C
Single Pulse
0.1
ID(pulse)
PW
=
10
μs
100
μs
1 ms
DC
RDS(on)
Limited
(V
GS
= 10
V)
ID(DC)
Power
Dissipation
Limited


Similar Part No. - NP40N055MHE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP40N055MHE RENESAS-NP40N055MHE Datasheet
5Mb / 6P
   Product Scout Automotive
NP40N055MHE RENESAS-NP40N055MHE Datasheet
298Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
NP40N055MHE-S18-AY RENESAS-NP40N055MHE-S18-AY Datasheet
298Kb / 12P
   MOS FIELD EFFECT TRANSISTOR
2007
NP40N055MHE-S18-AYNote1 RENESAS-NP40N055MHE-S18-AYNote1 Datasheet
299Kb / 12P
   SWITCHING N-CHANNEL POWER MOS FET
More results

Similar Description - NP40N055MHE

ManufacturerPart #DatasheetDescription
logo
NEC
NP80N03ELE NEC-NP80N03ELE_07 Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N04EHE NEC-NP80N04EHE Datasheet
212Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N055EHE NEC-NP80N055EHE Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP84N075EUE NEC-NP84N075EUE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP109N04PUG NEC-NP109N04PUG Datasheet
235Kb / 8P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP40N055ELE NEC-NP40N055ELE Datasheet
213Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP70N04MUG NEC-NP70N04MUG Datasheet
242Kb / 8P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP80N03EDE NEC-NP80N03EDE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP82N055CHE NEC-NP82N055CHE_07 Datasheet
214Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP84N055EHE NEC-NP84N055EHE Datasheet
219Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
NP86N04EHE NEC-NP86N04EHE Datasheet
224Kb / 10P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com