Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6106 Datasheet(PDF) 11 Page - Linear Technology

Part # LT6106
Description  36V Low Cost High Side Current Sense in a SOT-23
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT6106 Datasheet(HTML) 11 Page - Linear Technology

Back Button LT6106 Datasheet HTML 4Page - Linear Technology LT6106 Datasheet HTML 5Page - Linear Technology LT6106 Datasheet HTML 6Page - Linear Technology LT6106 Datasheet HTML 7Page - Linear Technology LT6106 Datasheet HTML 8Page - Linear Technology LT6106 Datasheet HTML 9Page - Linear Technology LT6106 Datasheet HTML 10Page - Linear Technology LT6106 Datasheet HTML 11Page - Linear Technology LT6106 Datasheet HTML 12Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
LT6106
11
6106fa
Information furnished by Linear Technology Corporation is believed to be accurate and reliable.
However, no responsibility is assumed for its use. Linear Technology Corporation makes no representa-
tion that the interconnection of its circuits as described herein will not infringe on existing patent rights.
PACKAGE DESCRIPTION
APPLICATIONS INFORMATION
In addition, if the output of the LT6106 is wired to a de-
vice that will effectively short it to high voltage (such as
through an ESD protection clamp) during a reverse sup-
ply condition, the LT6106’s output should be connected
through a resistor or Schottky diode (Figure 7).
Demo Board
Demo board DC1240 is available for evaluation of the
LT6106.
Response Time
The photos in the Typical Performance Characteristics show
the response of the LT6106 to a variety of input conditions
and values of RIN. The photos show that if the output cur-
rent is very low or zero and an input transient occurs, there
will be an increased delay before the output voltage begins
changing while internal nodes are being charged.
Figure 6. Schottky Diode Prevents Damage During Supply Reversal
Figure 7. Additional Resistor R3 Protects Output
During Supply Reversal
S5 Package
5-Lead Plastic TSOT-23
(Reference LTC DWG # 05-08-1635)
1.50 – 1.75
(NOTE 4)
2.80 BSC
0.30 – 0.45 TYP
5 PLCS (NOTE 3)
DATUM ‘A’
0.09 – 0.20
(NOTE 3)
S5 TSOT-23 0302 REV B
PIN ONE
2.90 BSC
(NOTE 4)
0.95 BSC
1.90 BSC
0.80 – 0.90
1.00 MAX
0.01 – 0.10
0.20 BSC
0.30 – 0.50 REF
NOTE:
1. DIMENSIONS ARE IN MILLIMETERS
2. DRAWING NOT TO SCALE
3. DIMENSIONS ARE INCLUSIVE OF PLATING
4. DIMENSIONS ARE EXCLUSIVE OF MOLD FLASH AND METAL BURR
5. MOLD FLASH SHALL NOT EXCEED 0.254mm
6. JEDEC PACKAGE REFERENCE IS MO-193
3.85 MAX
0.62
MAX
0.95
REF
RECOMMENDED SOLDER PAD LAYOUT
PER IPC CALCULATOR
1.4 MIN
2.62 REF
1.22 REF
6106 F06
LT6106
R2
4.99k
D1
VBATT
RSENSE
L
O
A
D
V+
V
OUT
–IN
+IN
+
R1
100Ω
6106 F07
LT6106
R2
4.99k
D1
VBATT
R3
1k
RSENSE
L
O
A
D
V+
V
OUT
–IN
+IN
ADC
R1
100Ω
+


Similar Part No. - LT6106

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6106 LINER-LT6106 Datasheet
940Kb / 24P
   High Voltage, Bidirectional Current Sense Amplifier Low Power Shutdown <10關A
LT6106 LINER-LT6106 Datasheet
250Kb / 12P
   36V Low Cost High Side Current Sense in a SOT-23
LT6106 LINER-LT6106_15 Datasheet
250Kb / 12P
   36V Low Cost High Side Current Sense in a SOT-23
More results

Similar Description - LT6106

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT6106 LINER-LT6106_15 Datasheet
250Kb / 12P
   36V Low Cost High Side Current Sense in a SOT-23
LTC6101 LINER-LTC6101 Datasheet
330Kb / 20P
   High Voltage, High-Side Current Sense Amplifier in SOT-23
LT6107 LINER-LT6107_15 Datasheet
289Kb / 12P
   High Temperature High Side Current Sense Amp in SOT-23
LT6107 LINER-LT6107 Datasheet
284Kb / 12P
   High Temperature High Side Current Sense Amp in SOT-23
logo
Linear Dimensions Semic...
LTC6101ACMS8TRPBF LINEAR_DIMENSIONS-LTC6101ACMS8TRPBF Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense Amplifi er in SOT-23
logo
Linear Technology
LTC6101 LINER-LTC6101_15 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense Amplifi er in SOT-23
LTC6101HV LINER-LTC6101HV_15 Datasheet
258Kb / 22P
   High Voltage, High-Side Current Sense Amplifi er in SOT-23
logo
STMicroelectronics
TSC888 STMICROELECTRONICS-TSC888 Datasheet
104Kb / 7P
   Low cost high-side current sense amplifier
logo
Maxim Integrated Produc...
MAX4172 MAXIM-MAX4172_12 Datasheet
537Kb / 9P
   Low-Cost, Precision, High-Side Current-Sense Amplifier
Rev 2; 10/12
MAX4172 MAXIM-MAX4172_V01 Datasheet
1Mb / 9P
   Low-Cost, Precision, High-Side Current-Sense Amplifier
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com