Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP36P06SLG Datasheet(PDF) 6 Page - NEC

Part # NP36P06SLG
Description  MOS FIELD EFFECT TRANSISTOR SWITCHING P-CHANNEL POWER MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

NP36P06SLG Datasheet(HTML) 6 Page - NEC

  NP36P06SLG Datasheet HTML 1Page - NEC NP36P06SLG Datasheet HTML 2Page - NEC NP36P06SLG Datasheet HTML 3Page - NEC NP36P06SLG Datasheet HTML 4Page - NEC NP36P06SLG Datasheet HTML 5Page - NEC NP36P06SLG Datasheet HTML 6Page - NEC NP36P06SLG Datasheet HTML 7Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Data Sheet D18008EJ5V0DS
6
NP36P06SLG
PACKAGE DRAWING (Unit: mm)
TO-252 (MP-3ZK)
6.5
±0.2
2.3
±0.1
0.5
±0.1
0.76
±0.12
0 to 0.25
0.5
±0.1
1.0
No Plating
No Plating
5.1 TYP.
4.3 MIN.
1
4
23
1.14 MAX.
2.3
2.3
1. Gate
2. Drain
3. Source
4. Fin (Drain)
EQUIVALENT CIRCUIT
Source
Body
Diode
Gate
Protection
Diode
Gate
Drain
Remark The diode connected between the gate and source of the transistor serves as a protector against ESD.
When this device actually used, an additional protection circuit is externally required if a voltage exceeding
the rated voltage may be applied to this device.


Similar Part No. - NP36P06SLG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NP36P06SLG RENESAS-NP36P06SLG Datasheet
1Mb / 8P
   -60V – -36A – P-channel Power MOS FET Application : Automotive
May. 27, 2022
NP36P06SLG-E1-AY RENESAS-NP36P06SLG-E1-AY Datasheet
286Kb / 9P
   SWITCHING P-CHANNEL POWER MOSFET
NP36P06SLG-E1-AY RENESAS-NP36P06SLG-E1-AY Datasheet
1Mb / 8P
   -60V – -36A – P-channel Power MOS FET Application : Automotive
May. 27, 2022
NP36P06SLG RENESAS-NP36P06SLG_15 Datasheet
286Kb / 9P
   SWITCHING P-CHANNEL POWER MOSFET
More results

Similar Description - NP36P06SLG

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1815 RENESAS-PA1815_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1914 RENESAS-PA1914_15 Datasheet
201Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com