Part Name
         Description
KP123

 Absolute Pressure Sensor ( 24 Page)


INFINEON
100% 
Zoom Out Zoom In
 
 5 page
background image
PG-DSOF-8-12
with cap
Product Name
Product Type
Ordering Code
Package
KP123
Absolute Pressure Sensor SP000239576
PG-DSOF-8-12
Data Sheet
5
Rev 1.02, 2007-11-23
Absolute Pressure Sensor
KP123
1
Overview
1.1
Features
Ratiometric analog output
Calibrated transfer function
High accuracy over a large temperature range
Typical error ± 1.5% Full Scale Range
“Green” 8-pin SMD housing
On Board Diagnostics (OBD) for broken wire detection
1.2
Product Description
The KP123 is a miniaturized Absolute Pressure Sensor IC based on the capacitive principle. It is surface
micromachined with a monolithic integrated signal conditioning circuit implemented in BiCMOS standard
technology. Because the KP123 is a high-precision IC for cost-critical solutions, the chip is packaged in a “green”
low-cost SMD housing. The sensor is developed for measurement of barometric air pressure (BAP).
High accuracy and high sensitivity enable the deployment of this device in consumer applications.
The calibrated transfer function converts a pressure range from 15 kPa to 115 kPa into an analog output voltage
between 0.2 V and 4.7 V.



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MP3H6115AHigh Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure On-Chip Signal Conditioned 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPX4101AIntegrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned Temperature 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPX4105AIntegrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPX4115AIntegrated Silicon Pressure Sensor for Manifold Absolute Pressure Altimeter or Baromater Applications 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPX4200AIntegrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned Temperature 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPXAZ4100AIntegrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPXH6250AHigh Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPXH6300AHigh Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure 1 2 3 4 5 MoreFreescale Semiconductor, Inc
MPXH6400A_07High Temperature Accuracy Integrated Silicon Pressure Sensor for Measuring Absolute Pressure 1 2 3 4 5 MoreFreescale Semiconductor, Inc

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl