Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP141G Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TLP141G
Description  Photo−Transistor Programmable Controllers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP141G Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TLP141G Datasheet HTML 1Page - Toshiba Semiconductor TLP141G Datasheet HTML 2Page - Toshiba Semiconductor TLP141G Datasheet HTML 3Page - Toshiba Semiconductor TLP141G Datasheet HTML 4Page - Toshiba Semiconductor TLP141G Datasheet HTML 5Page - Toshiba Semiconductor TLP141G Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
TLP141G
2007-10-01
4
ΔVF/ΔTa - IF
Forward current IF (mA)
120
100
20
0
80
60
40
20
0
20
40
80
100
60
IFP – DR
Duty cycle ratio DR
3000
10
1000
100
30
10
3
3
10
2
3
10
1
3
10
0
Pulse width ≤ 100 μs
Ta = 25°C
IF – VF
Forward voltage VF (V)
100
0.1
0.6
30
10
3
1
0.3
0.8
1.0
1.2
1.4
1.6
1.8
Ta = 25°C
3.2
0.4
0.1
2.0
1.6
1.2
0.8
0.5
1
3
5
10
30 50
2.4
0.3
IF – Ta
IT(RMS) – Ta
Ambient temperature Ta (°C)
250
20
0
200
150
100
50
0
40
80
100
120
60
20
IFP – VFP
Pulse forward voltage VFP (V)
1000
1
0.6
Pulse width ≤ 10 μs
Pepetitive frequency
= 100 Hz
Ta = 25°C
1.0
2.2
2.6
3.0
300
100
30
10
3
1.4
1.8
2.8


Similar Part No. - TLP141G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP141G TOSHIBA-TLP141G Datasheet
176Kb / 6P
   TOSHIBA Photocoupler GaAs Ired & Photo-Transistor
More results

Similar Description - TLP141G

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP127 TOSHIBA-TLP127_07 Datasheet
176Kb / 8P
   Photo−Transistor Programmable Controllers
TLP126 TOSHIBA-TLP126_07 Datasheet
179Kb / 8P
   Photo−Transistor Programmable Controllers
TLP330 TOSHIBA-TLP330_07 Datasheet
175Kb / 6P
   GaAs Ired & Photo−Transistor
TLP331 TOSHIBA-TLP331_07 Datasheet
193Kb / 8P
   GaAs Ired & Photo−Transistor
TLP280 TOSHIBA-TLP280_07 Datasheet
220Kb / 9P
   GaAs Ired & Photo−Transistor
TLP131 TOSHIBA-TLP131_07 Datasheet
199Kb / 9P
   Photo−Transistor Office Machine
TLP320 TOSHIBA-TLP320_07 Datasheet
231Kb / 7P
   GaAs Ired & Photo−Transistor
TLP124 TOSHIBA-TLP124_07 Datasheet
182Kb / 8P
   Photo−Transistor Office Machine
TLP570 TOSHIBA-TLP570_07 Datasheet
635Kb / 8P
   Programmable Controllers AC / DC−Input Module
TLP137 TOSHIBA-TLP137_07 Datasheet
225Kb / 9P
   Photo−Transistor Office Machine
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com