Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLP106 Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLP106
Description  PHOTO-IC Intelligent Power Module Signal Isolation
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP106 Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLP106 Datasheet HTML 1Page - Toshiba Semiconductor TLP106 Datasheet HTML 2Page - Toshiba Semiconductor TLP106 Datasheet HTML 3Page - Toshiba Semiconductor TLP106 Datasheet HTML 4Page - Toshiba Semiconductor TLP106 Datasheet HTML 5Page - Toshiba Semiconductor TLP106 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TLP106
2007-10-01
1
TOSHIBA PHOTOCOUPLER GaAℓAs IRED & PHOTO-IC
TLP106
Intelligent Power Module Signal Isolation
Industrial Inverters
Motor Drive
The Toshiba TLP106 consists of a GaAℓAs light-emitting diode and an
integrated high-gain, high-speed photo-detector. The TLP106 is suitable
for isolating input control signals isolation to intelligent power modules.
This unit is a 6-pin MFSOP.
The detector has a totem pole output stage to provide source drive and
sink drive and features a built-in Schmitt trigger.
The detector IC has an internal shield that provides a guaranteed
common-mode transient immunity of 10 kV/μs.
The TLP106 is of a buffer logic type. An inverter logic version, the
TLP102, is also available.
Buffer logic type (totem pole output)
Guaranteed performance over temperature : -40~85°C
Power supply voltage: -0.5~20 V
Input current: IFLH = 3 mA (Max.)
Switching Time (tpLH/tpHL): 400 ns (Max.)
Common-mode transient immunity : 10 kV/μs
Isolation voltage: 3750 Vrms
Truth Table
Input
LED
Tr1
Tr2
Output
H
ON
ON
OFF
H
L
OFF
OFF
ON
L
TOSHIBA
11-4C2
Weight: 0.09 g(typ.)
Unit in mm
Pin Configuration (Top View)
Schematic
VCC
GND
SHIELD
1
3
4
5
6
1:ANODE
3:CATHODE
4:GND
5:VO
6:VCC
0.1
μF bypass capacitor must be
connected between pins 6 and 4
VCC
VO
GND
ICC
IO
6
5
4
SHIELD
3-
1+
IF
Tr1
Tr2
VF


Similar Part No. - TLP106

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP106 TOSHIBA-TLP106 Datasheet
113Kb / 8P
   Intelligent Power Module Signal Isolation Industrial Inverters Moter Drive
More results

Similar Description - TLP106

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP102 TOSHIBA-TLP102_05 Datasheet
250Kb / 6P
   PHOTO-IC Intelligent Power Module Signal Isolation
TLP706F TOSHIBA-TLP706F Datasheet
133Kb / 2P
   Intelligent power module signal isolation
TLP702F TOSHIBA-TLP702F Datasheet
94Kb / 2P
   Intelligent power module signal isolation
TLP106 TOSHIBA-TLP106 Datasheet
113Kb / 8P
   Intelligent Power Module Signal Isolation Industrial Inverters Moter Drive
6N135 TOSHIBA-6N135 Datasheet
334Kb / 7P
   IRED & PHOTO IC (DIGITAL LOGIC ISOLATION)
TLP112A TOSHIBA-TLP112A_07 Datasheet
188Kb / 7P
   Photo−IC Digital Logic Isolation
TLP114A TOSHIBA-TLP114A_07 Datasheet
184Kb / 7P
   Photo−IC Digital Logic Isolation.
TLP112 TOSHIBA-TLP112_07 Datasheet
189Kb / 7P
   Photo−IC Digital Logic Isolation
logo
Mitsubishi Electric Sem...
PS51277-A MITSUBISHI-PS51277-A Datasheet
55Kb / 6P
   Intelligent Power Intelligent Power Module
logo
KODENSHI_AUK CORP.
PIC-2503 KODENSHI-PIC-2503 Datasheet
143Kb / 2P
   Photo IC(photodiode with signal processing)?
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com