Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLOU267 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLOU267
Description  Panel Circuit Indicator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLOU267 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLOU267 Datasheet HTML 1Page - Toshiba Semiconductor TLOU267 Datasheet HTML 2Page - Toshiba Semiconductor TLOU267 Datasheet HTML 3Page - Toshiba Semiconductor TLOU267 Datasheet HTML 4Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TLOU267(F)
2007-10-01
2
Electrical and Optical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF=20mA
2.0
2.4
V
Reverse current
IR
VR=4V
50
μA
Luminous intensity
IV
IF=20mA
(Note)
85
200
mcd
Peak emission wavelength
λp
IF=20mA
(612)
nm
Spectral line half width
Δλ
IF=20mA
15
nm
Dominant wavelength
λd
IF=20mA
605
nm
(Note):Lamps are classified into the following ranks according to their luminous intensity, and packed in boxes
by
each rank. N: 85
−230 mcd, P: 153−414 mcd, Q: 272 mcd−
Precaution
Please be careful of the followings
• Soldering temperature: 260°C max
Soldering time: 3 s max
(Soldering portion of lead: Up to 1.6mm from the body of the device)
• If the lead is formed, the lead should be formed up to 1.6mm from the body of the device without forming stress
to the resin. Soldering should be performed after lead forming.
• This visible LED lamp also emits some IR light. If a photodetector is located near the LED lamp, please ensure
that it will not be affected by this IR light.


Similar Part No. - TLOU267

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLOU262 TOSHIBA-TLOU262 Datasheet
164Kb / 6P
   TOSHIBA InGaALP LED
TLOU262 TOSHIBA-TLOU262 Datasheet
194Kb / 6P
   Panel Circuit Indicator
logo
Marktech Corporate
TLOU262 MARKTECH-TLOU262 Datasheet
203Kb / 5P
   PANEL CIRCUIT INDICATOR
logo
Toshiba Semiconductor
TLOU262F TOSHIBA-TLOU262F Datasheet
194Kb / 6P
   Panel Circuit Indicator
TLOU262 TOSHIBA-TLOU262_07 Datasheet
194Kb / 6P
   Panel Circuit Indicator
More results

Similar Description - TLOU267

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com