Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N2221-2N2222 Datasheet(PDF) 1 Page - STMicroelectronics

Part No. 2N2221-2N2222
Description  HIGH-SPEED SWITCHES
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

   
 1 page
background image
2N2218-2N2219
2N2221-2N2222
January 1989
HIGH-SPEED SWITCHES
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Val ue
Unit
VCBO
Collector-base Voltage (IE =0)
60
V
VCEO
Collector-emitter Voltage (IB =0)
30
V
VEBO
Emitter-base Voltage (I C =0)
5
V
I C
Collector Current
0.8
A
Pto t
Total Power Dissipation at T amb
≤ 25 °C
for 2N2218 and 2 N22 19
for 2N2221 and 2 N22 22
at T cas e
≤ 25 °C
for 2N2218 and 2 N22 19
for 2N2221 and 2 N22 22
0.8
0.5
3
1.8
W
W
W
W
T stg
Storage Temperature
– 65 to 200
°C
T j
Junction Temperature
175
°C
DESCRIPTION
TO-18
TO-39
INTERNAL SCHEMATIC DIAGRAM
2N2218/2N2219 approved to CECC 50002-
100, 2N2221/2N2222 approved to CECC
50002-101 available on request.
The 2N2218, 2N2219, 2N2221 and 2N2222 are sili-
con planar
epitaxial NPN transistors in Jedec
TO-39 (for 2N2218 and 2N2219) and in Jedec
TO-18 (for 2N2221 and 2N2222) metal cases. They
are designed for high-speed switching applications
at collector currents up to 500 mA, and feature use-
ful current gain over a wide range of collector cur-
rent, low leakage currents and low saturation volt-
ages.
1/5




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MAX4641High-Speed Low-Voltage 4Ω Dual SPST CMOS Analog Switches 1 2 3 4 5 MoreMaxim Integrated Products
DG180High-Speed Drivers with Dual SPST JFET Switches 1 2 3 4 5 MoreVishay Siliconix
DG189High-Speed Drivers with Dual SPDT JFET Switches 1 2 3 4 5 MoreVishay Siliconix
DG401Improved Dual High-Speed Analog Switches 1 2 3 4 5 MoreMaxim Integrated Products
FSA221USB2.0 High-Speed 480Mbps and Audio Switches with Negative Signal Capability 1 2 3 4 5 MoreFairchild Semiconductor
IDQS34X245QUICKSWITCH-R PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH-TM BUS SWITCHES 1 2 3 4 5 Integrated Device Technology
AS1744High-Speed Low-Voltage Dual Single-Supply 4Ω SPDT Analog Switches 1 2 3 4 5 Moreams AG
IDTQS34X245QUICKSWITCH PRODUCTS HIGH-SPEED CMOS QUICKSWITCH 32-BIT MULTIWIDTH BUS SWITCHES 1 2 3 4 5 Integrated Device Technology
MAX4782High-Speed Low-Voltage 0.7OHM CMOS Analog Switches/Multiplexers 1 2 3 4 5 MoreMaxim Integrated Products
AS1751High-Speed Low-Voltage Single-Supply 0.9Ω Quad SPST Analog Switches 1 2 3 4 5 Moreams AG