Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SST29VE010-200-3I-W Datasheet(PDF) 9 Page - Silicon Storage Technology, Inc

Part # SST29VE010-200-3I-W
Description  1 Megabit (128K x 8) Page Mode EEPROM
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST29VE010-200-3I-W Datasheet(HTML) 9 Page - Silicon Storage Technology, Inc

Back Button SST29VE010-200-3I-W Datasheet HTML 5Page - Silicon Storage Technology, Inc SST29VE010-200-3I-W Datasheet HTML 6Page - Silicon Storage Technology, Inc SST29VE010-200-3I-W Datasheet HTML 7Page - Silicon Storage Technology, Inc SST29VE010-200-3I-W Datasheet HTML 8Page - Silicon Storage Technology, Inc SST29VE010-200-3I-W Datasheet HTML 9Page - Silicon Storage Technology, Inc SST29VE010-200-3I-W Datasheet HTML 10Page - Silicon Storage Technology, Inc SST29VE010-200-3I-W Datasheet HTML 11Page - Silicon Storage Technology, Inc SST29VE010-200-3I-W Datasheet HTML 12Page - Silicon Storage Technology, Inc SST29VE010-200-3I-W Datasheet HTML 13Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
9
© 1998 Silicon Storage Technology, Inc.
304-04 12/97
1 Megabit Page Mode EEPROM
SST29EE010, SST29LE010, SST29VE010
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
TABLE 8: CAPACITANCE (Ta = 25 °C, f=1 MHz, other pins open)
Parameter
Description
Test Condition
Maximum
CI/O(1)
I/O Pin Capacitance
VI/O = 0V
12 pF
CIN(1)
Input Capacitance
VIN = 0V
6 pF
Note: (1)This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
304 PGM T8.0
TABLE 9: RELIABILITY CHARACTERISTICS
Symbol
Parameter
Minimum Specification
Units
Test Method
NEND
Endurance
10,000(2)
Cycles
MIL-STD-883, Method 1033
TDR(1)
Data Retention
100
Years
JEDEC Standard A103
VZAP_HBM(1)
ESD Susceptibility
1000
Volts
JEDEC Standard A114
Human Body Model
VZAP_MM(1)
ESD Susceptibility
200
Volts
JEDEC Standard A115
Machine Model
ILTH(1)
Latch Up
100
mA
JEDEC Standard 78
Note: (1)This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
(2)See Ordering Information for desired type.
304 PGM T9.1
TABLE 7: POWER-UP TIMINGS
Symbol
Parameter
Maximum
Units
TPU-READ(1)
Power-up to Read Operation
100
µs
TPU-WRITE(1)
Power-up to Write Operation
5
ms
304 PGM T7.0


Similar Part No. - SST29VE010-200-3I-W

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29VE010-200-4C-EH SST-SST29VE010-200-4C-EH Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
SST29VE010-200-4C-EH SST-SST29VE010-200-4C-EH Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
SST29VE010-200-4C-EH SST-SST29VE010-200-4C-EH Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
SST29VE010-200-4C-EHE SST-SST29VE010-200-4C-EHE Datasheet
458Kb / 30P
   1 Mbit (128K x8) Page-Write EEPROM
SST29VE010-200-4C-NH SST-SST29VE010-200-4C-NH Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
More results

Similar Description - SST29VE010-200-3I-W

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29EE010A SST-SST29EE010A Datasheet
256Kb / 26P
   1 Megabit (128K x 8) Page Mode EEPROM
SST29EE010 SST-SST29EE010_00 Datasheet
267Kb / 26P
   1 Megabit (128K x8) Page-Mode EEPROM
logo
Maxwell Technologies
28C010T MAXWELL-28C010T Datasheet
359Kb / 20P
   1 Megabit (128K x 8-Bit) EEPROM
28C011T MAXWELL-28C011T Datasheet
348Kb / 19P
   1 Megabit (128K x 8-Bit) EEPROM
logo
ATMEL Corporation
AT28C010 ATMEL-AT28C010_06 Datasheet
410Kb / 17P
   1-megabit (128K x 8) Paged Parallel EEPROM
logo
Maxwell Technologies
28LV010 MAXWELL-28LV010 Datasheet
363Kb / 20P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
28LV011 MAXWELL-28LV011 Datasheet
305Kb / 19P
   3.3V 1 Megabit (128K x 8-Bit) EEPROM
logo
Silicon Storage Technol...
SST29EE010 SST-SST29EE010 Datasheet
326Kb / 26P
   1 Mbit (128K x8) Page-Mode EEPROM
logo
Force Technologies Ltd
FT27C010 FORCE-FT27C010 Datasheet
809Kb / 11P
   1-Megabit (128K x 8) UVEPROM
logo
ATMEL Corporation
AT27C010 ATMEL-AT27C010_07 Datasheet
343Kb / 14P
   1-Megabit (128K x 8) OTP EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com