Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLOU124 Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TLOU124
Description  Panel Circuit Indicator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLOU124 Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TLOU124 Datasheet HTML 1Page - Toshiba Semiconductor TLOU124 Datasheet HTML 2Page - Toshiba Semiconductor TLOU124 Datasheet HTML 3Page - Toshiba Semiconductor TLOU124 Datasheet HTML 4Page - Toshiba Semiconductor TLOU124 Datasheet HTML 5Page - Toshiba Semiconductor TLOU124 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TLOU124(F),TLSU124(F),TLYU124(F)
2007-10-01
5
TLYU124(F)
Relative Luminous Intensity –
Wavelength
Wavelength λ (nm)
1.0
0
540
0.8
0.6
0.4
0.2
560
580
600
620
640
660
IF = 20 mA
Ta = 25°C
IF – Ta
Ambient temperature Ta (°C)
40
0
0
20
40
60
80
100
30
20
10
IF – VF
Forward voltage VF (V)
100
1
1.6
50
10
5
2
1.8
2.0
2.4
2.2
2.6
Ta = 25°C
20
IV – Tc
Case temperature Tc (°C)
100
10
0.1
−25
0.2
1
0.5
0
25
50
75
2
5
Radiation Pattern
Ta = 25°C
0
0.2
0.4
0.6
0.8
1.0
10°
20°
30°
40°
50°
60°
70°
80°
90°
10°
20°
30°
40°
50°
60°
70°
80°
90°
IV – IF
Forward current IF (mA)
10
1000
Ta
= 25°C
1
100
500
200
20
50
2
5
10
20
50
100


Similar Part No. - TLOU124

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLOU124 TOSHIBA-TLOU124 Datasheet
255Kb / 6P
   TOSHIBA INGAALP LED
logo
Marktech Corporate
TLOU124 MARKTECH-TLOU124 Datasheet
203Kb / 5P
   PANEL CIRCUIT INDICATOR
More results

Similar Description - TLOU124

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com