Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPB56721AG Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # DSPB56721AG
Description  SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSPB56721AG Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button DSPB56721AG Datasheet HTML 7Page - Freescale Semiconductor, Inc DSPB56721AG Datasheet HTML 8Page - Freescale Semiconductor, Inc DSPB56721AG Datasheet HTML 9Page - Freescale Semiconductor, Inc DSPB56721AG Datasheet HTML 10Page - Freescale Semiconductor, Inc DSPB56721AG Datasheet HTML 11Page - Freescale Semiconductor, Inc DSPB56721AG Datasheet HTML 12Page - Freescale Semiconductor, Inc DSPB56721AG Datasheet HTML 13Page - Freescale Semiconductor, Inc DSPB56721AG Datasheet HTML 14Page - Freescale Semiconductor, Inc DSPB56721AG Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1
Freescale Semiconductor
11
Figure 8. Ensure Correct Operation of Power-On Reset with Fast Ramp of Core_VDD
2.1.4
DC Electrical Characteristics
For DC electrical characteristics, see Table 6.
Table 6. DC Electrical Characteristics
Characteristics
Symbol
Min
Typ
Max
Unit
Supply voltages
• Core (Core_VDD)
• PLL (PLLD_VDD, PLLD1_VDD)
VDD
0.9
1.0
1.1
V
Supply voltages
• I/O (IO_VDD)
• PLL (PLLP_VDD, PLLP1_VDD)
• PLL (PLLA_VDD, PLLA1_VDD)
VDDIO
3.14
3.3
3.46
V
Input high voltage
VIH
2.0
VIO_VDD+2V
V
Note: To avoid a high current condition and possible system damage, all 3.3 volt supplies must rise before the 1.0 volt
supplies rise.
Input low voltage
VIL
-0.3
0.8
V
Input leakage current
IIN
––
± 84
μA
Clock pin Input Capacitance (EXTAL)
CIN
18
pF
High impedance (off-state) input current (@ 3.3 V or
0V)
ITSI
-10
10
μA
Output high voltage
IOH = -12 mA
LSYNC_OUT, LALE, LCLK Pins IOH = -16 mA, TDO
Pin IOH = -24 mA
VOH
2.4
V
Output low voltage
IOL = 12 mA
LSYNC_OUT, LALE, LCLK Pins IOL = 16 mA, TDO
Pins IOL = 24 mA
VOL
––
0.4
V
Core_VDD
Tr must be < 10 ms
0 V
1.0V
Tr


Similar Part No. - DSPB56721AG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSPB56721AG NXP-DSPB56721AG Datasheet
1Mb / 54P
   Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
Rev. 5, 02/2009
More results

Similar Description - DSPB56721AG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56720 NXP-DSP56720 Datasheet
1Mb / 54P
   Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
Rev. 5, 02/2009
logo
Freescale Semiconductor...
DSP56724 FREESCALE-DSP56724 Datasheet
830Kb / 48P
   Symphony??DSP56724/DSP56725 Multi-Core Audio Processors
logo
NXP Semiconductors
DSP56007 NXP-DSP56007 Datasheet
951Kb / 83P
   SYMPHONYTM AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
1996, 1997
logo
Active-Semi, Inc
ACT8847 ACTIVE-SEMI-ACT8847_14 Datasheet
763Kb / 38P
   Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
81Kb / 2P
   Advanced PMU for Multi-core Application Processors
22-Oct-12
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
ACT8847 ACTIVE-SEMI-ACT8847_17 Datasheet
2Mb / 39P
   Advanced PMU for Multi-core Application Processors
REV 8, 17-JAN-2017
ACT8846 ACTIVE-SEMI-ACT8846_17 Datasheet
1Mb / 44P
   Advanced PMU for Multi-core Application Processors
Rev 7.0, 06-Dec-2017
ACT8847_17 ACTIVE-SEMI-ACT8847_17_06 Datasheet
1Mb / 42P
   Advanced PMU for Multi-core Application Processors
REV 9, 27-June-17
logo
Renesas Technology Corp
DA9068 RENESAS-DA9068 Datasheet
2Mb / 185P
   System PMIC for Multi-Core Application Processors
21-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com