Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSPB56721AG Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # DSPB56721AG
Description  SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

DSPB56721AG Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button DSPB56721AG Datasheet HTML 2Page - Freescale Semiconductor, Inc DSPB56721AG Datasheet HTML 3Page - Freescale Semiconductor, Inc DSPB56721AG Datasheet HTML 4Page - Freescale Semiconductor, Inc DSPB56721AG Datasheet HTML 5Page - Freescale Semiconductor, Inc DSPB56721AG Datasheet HTML 6Page - Freescale Semiconductor, Inc DSPB56721AG Datasheet HTML 7Page - Freescale Semiconductor, Inc DSPB56721AG Datasheet HTML 8Page - Freescale Semiconductor, Inc DSPB56721AG Datasheet HTML 9Page - Freescale Semiconductor, Inc DSPB56721AG Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
SymphonyTM DSP56720 / DSP56721 Multi-Core Audio Processors, Rev.1
Freescale Semiconductor
6
1.2
Pinout for DSP56721 80-Pin Plastic LQFP Package
For the pinout of the DSP56721 80-pin plastic LQFP package, see Figure 4.
Figure 4. DSP56721 80-Pin Package
60
WDT
59
PINIT/NMI
58
TDO
57
TDI
56
TCK
55
TMS
54
CORE_GND
53
CORE_VDD
52
SDO4/SDI1
51
SDO5/SDI0
50
IO_GND
49
IO_VDD
48
EXTAL
47
XTAL
46
PLLP_GND
45
PLLD_GND
44
PLLD_VDD
43
PLLA_GND
42
PLLA_VDD
41
PLLP_VDD
SDO2_3/SDI3_3
1
SDO3_3/SDI2_3
2
SDO4_3/SDI1_3
3
SDO5_3/SDI0_3
4
IO_VDD
5
IO_GND
6
CORE_VDD
7
CORE_GND
8
SPDIFIN1/SDO2_2/SDI3_2
9
SPDIFOUT1/SDO3_2/SDI2_2
10
SDO4_2/SDI1_2
11
SDO5_2/SDI0_2
12
FSR_3
13
SCKR_3
14
SCKT_3
15
GND
16
GND
17
GND
18
GND
19
GND
20
DSP56721
80-Pin


Similar Part No. - DSPB56721AG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSPB56721AG NXP-DSPB56721AG Datasheet
1Mb / 54P
   Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
Rev. 5, 02/2009
More results

Similar Description - DSPB56721AG

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
DSP56720 NXP-DSP56720 Datasheet
1Mb / 54P
   Symphony™ DSP56720/DSP56721 Multi-Core Audio Processors
Rev. 5, 02/2009
logo
Freescale Semiconductor...
DSP56724 FREESCALE-DSP56724 Datasheet
830Kb / 48P
   Symphony??DSP56724/DSP56725 Multi-Core Audio Processors
logo
NXP Semiconductors
DSP56007 NXP-DSP56007 Datasheet
951Kb / 83P
   SYMPHONYTM AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
1996, 1997
logo
Active-Semi, Inc
ACT8847 ACTIVE-SEMI-ACT8847_14 Datasheet
763Kb / 38P
   Advanced PMU for Multi-core Application Processors
Rev 5, 15-Nov-12
ACT8846 ACTIVE-SEMI-ACT8846 Datasheet
81Kb / 2P
   Advanced PMU for Multi-core Application Processors
22-Oct-12
ACT8846 ACTIVE-SEMI-ACT8846_16 Datasheet
977Kb / 40P
   Advanced PMU for Multi-core Application Processors
Rev 4, 25-May-16
ACT8847 ACTIVE-SEMI-ACT8847_17 Datasheet
2Mb / 39P
   Advanced PMU for Multi-core Application Processors
REV 8, 17-JAN-2017
ACT8846 ACTIVE-SEMI-ACT8846_17 Datasheet
1Mb / 44P
   Advanced PMU for Multi-core Application Processors
Rev 7.0, 06-Dec-2017
ACT8847_17 ACTIVE-SEMI-ACT8847_17_06 Datasheet
1Mb / 42P
   Advanced PMU for Multi-core Application Processors
REV 9, 27-June-17
logo
Renesas Technology Corp
DA9068 RENESAS-DA9068 Datasheet
2Mb / 185P
   System PMIC for Multi-Core Application Processors
21-Feb-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com