Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N2219A Datasheet(PDF) 5 Page - STMicroelectronics

Part No. 2N2219A
Description  HIGH SPEED SWITCHES
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

   
 5 page
background image
Test Circuit fot td,tr.
PULSE GENERATOR :
TO OSCILLOSCOPE
tr
≤ 20 ns
tr
≤ 5.0 ns
PW
≤ 200 ns
ZIN < 100 K
ZIN =50
CIN
≤ 12 pF
Test Circuit fot td,tr.
PULSE GENERATOR :
TO OSCILLOSCOPE :
PW
≈ 10 µstr < 5.0 ns
ZIN =50
ZIN > 100 K
TC
≤ 5.0 ns
CIN
≤ 12 pF
2N2219A/2N2222A
5/8




Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2N5151HIGH SPEED MEDIUM VOLTAGE SWITCHES 1 2 3 Seme LAB
VS3244High Speed CMOS VSwitch Dual 4-Bit Bus Switches 1 2 3 4 5 MoreVaishali Semiconductor
2N5152HIGH SPEED MEDIUM VOLTAGE SWITCHES 1 2 3 Seme LAB
VS3245High Speed CMOS VSwitch 8-Bit Bus Switches 1 2 3 4 5 MoreVaishali Semiconductor
2N5322HIGH SPEED MEDIUM VOLTAGE SWITCHES 1 2 Seme LAB
SD210DEHIGH SPEED DMOS FET ANALOG SWITCHES AND SWITCH ARRAYS 1 2 3 4 5 MoreLinear Integrated Systems
VS32X245High Speed CMOS VSwitch 16-Bit Bus Switches 1 2 3 4 5 MoreVaishali Semiconductor
VS3345High Speed CMOS VSwitch 8-Bit Bus Switches with Active High & Low Enables 1 2 3 4 5 MoreVaishali Semiconductor
ALD4213CMOS LOW VOLTAGE HIGH SPEED QUAD PRECISION ANALOG SWITCHES 1 2 3 4 5 MoreAdvanced Linear Devices
BSX20HIGH SPEED SATURATED SWITCHES 1 2 3 4 5 MoreSTMicroelectronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl