Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCP3101 Datasheet(PDF) 8 Page - ON Semiconductor

Part # NCP3101
Description  Wide Input Voltage Synchronous Buck Converter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3101 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NCP3101 Datasheet HTML 4Page - ON Semiconductor NCP3101 Datasheet HTML 5Page - ON Semiconductor NCP3101 Datasheet HTML 6Page - ON Semiconductor NCP3101 Datasheet HTML 7Page - ON Semiconductor NCP3101 Datasheet HTML 8Page - ON Semiconductor NCP3101 Datasheet HTML 9Page - ON Semiconductor NCP3101 Datasheet HTML 10Page - ON Semiconductor NCP3101 Datasheet HTML 11Page - ON Semiconductor NCP3101 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
NCP3101
http://onsemi.com
8
UVLO
FAULT
+
-
2 V
+
-
2 V
PHASE
TG
BST
VCC
BG
GND
UVLO
FAULT
PWM
OUT
Figure 14. Block Diagram
Careful selection and layout of external components is
required, to realize the full benefit of the onboard drivers.
The capacitors between VCC and GND and between BST
and PHASE must be placed as close as possible to the IC. A
ground plane should be placed on the closest layer for return
currents to GND in order to reduce loop area and inductance
in the gate drive circuit.
APPLICATION SECTION
Input Capacitor Selection
The input capacitor has to sustain the ripple current
produced during the on time of the upper MOSFET, so it
must have a low ESR to minimize the losses. The RMS value
of this ripple is:
Iin
RMS + IOUT
D
(1
* D)
(eq. 2)
Where D is the duty cycle, IinRMS is the input RMS current,
and IOUT is the load current. The equation reaches its
maximum value with D = 0.5. Losses in the input capacitors
can be calculated with the following equation:
P
CIN + ESRCIN
Iin
RMS
2
(eq. 3)
Where PCIN is the power loss in the input capacitors and
ESRCIN is the effective series resistance of the input
capacitance. Due to large di/dt through the input capacitors,
electrolytic or ceramics should be used. If a tantalum
capacitor must be used, it must be surge protected.
Otherwise, capacitor failure could occur.
Calculating Input Startup current
To calculate the input startup current, the following
equation can be used:
I
inrush +
C
OUT
V
OUT
t
SS
(eq. 4)
where Iinrush is the input current during startup, COUT is the
total output capacitance, VOUT is the desired output voltage,
and tSS is the soft-start interval.
If the inrush current is higher than the steady state input
current during maximum load, then the input fuse should be
rated accordingly, if one is used.
Calculating Soft-Start Time
To calculate the soft-start time, the following equation
can be used.
t
SS +
Cp
) Cc * DV
I
SS
(eq. 5)
Where CC is the compensation as well as the soft-start
capacitor.
CP is the additional capacitor that forms the second pole.
ISS is the soft-start current
DV is the comp voltage from zero to until it reaches
regulation.
Vcomp
Vout
1.1 V
DV
Figure 15. Soft-Start
The above calculation includes the delay from comp
rising to when output voltage becomes valid.
To calculate the time of output voltage rising to when it
reaches regulation;
DV is the difference between the comp
voltage reaching regulation and 1.1 V.
Output Capacitor Selection
Selection of the right value of input and output capacitors
determines the behavior of the buck converter. In most high
power density applications the capacitor size is most
important. Ceramic capacitor is necessary to reduce the high
frequency ripple voltage at the input of converter. This
capacitor should be located as near the IC as possible. Added
electrolytic capacitor improved response of relative slow
load change.
The required output capacitor will be determined by
planned transient deviation requirements. Usually a
combination of two types of capacitors is recommended to
meet the requirements. First, a ceramic output capacitor is
needed for bypassing high frequency noise. Second, an
electrolytic output capacitor is needed to achieve good
transient response.
In fact, during load transient, for the first few
microseconds the bulk capacitance supplies current to the


Similar Part No. - NCP3101

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3101BMNTXG ONSEMI-NCP3101BMNTXG Datasheet
291Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
NCP3101C ONSEMI-NCP3101C Datasheet
280Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
NCP3101C ONSEMI-NCP3101C Datasheet
291Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
NCP3101CMNTXG ONSEMI-NCP3101CMNTXG Datasheet
280Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
More results

Similar Description - NCP3101

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3102 ONSEMI-NCP3102 Datasheet
1Mb / 18P
   Wide Input Voltage Synchronous Buck Converter
November, 2007 - Rev. 2
NCP3101BMNTXG ONSEMI-NCP3101BMNTXG Datasheet
291Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
NCP3102C ONSEMI-NCP3102C Datasheet
487Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
February, 2011 -- Rev. 0
NCP3101CMNTXG ONSEMI-NCP3101CMNTXG Datasheet
280Kb / 26P
   Wide Input Voltage Synchronous Buck Converter
August, 2011 ??Rev. 1
logo
Micrel Semiconductor
MIC2176 MICREL-MIC2176 Datasheet
1Mb / 31P
   Wide Input Voltage, Synchronous Buck
logo
Linear Technology
LTC3530 LINER-LTC3530_15 Datasheet
303Kb / 16P
   Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3530EMS LINER-LTC3530EMS Datasheet
280Kb / 16P
   Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
LTC3530 LINER-LTC3530 Datasheet
300Kb / 16P
   Wide Input Voltage Synchronous Buck-Boost DC/DC Converter
logo
International Rectifier
IR3871MTRPBF IRF-IR3871MTRPBF Datasheet
1Mb / 21P
   WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MTRPBF IRF-IR3865MTRPBF Datasheet
1Mb / 22P
   WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com