Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS1011E Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # VS1011E
Description  MPEG AUDIO CODEC
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

VS1011E Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button VS1011E Datasheet HTML 6Page - List of Unclassifed Manufacturers VS1011E Datasheet HTML 7Page - List of Unclassifed Manufacturers VS1011E Datasheet HTML 8Page - List of Unclassifed Manufacturers VS1011E Datasheet HTML 9Page - List of Unclassifed Manufacturers VS1011E Datasheet HTML 10Page - List of Unclassifed Manufacturers VS1011E Datasheet HTML 11Page - List of Unclassifed Manufacturers VS1011E Datasheet HTML 12Page - List of Unclassifed Manufacturers VS1011E Datasheet HTML 13Page - List of Unclassifed Manufacturers VS1011E Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
VLSI
Solution
y
VS1011e
VS1011E
4. CHARACTERISTICS & SPECIFICATIONS
4.3
Analog Characteristics
Unless otherwise noted: AVDD=2.5..3.6V, DVDD=2.3..3.6V, TA=-40..+85C, XTALI=12..13MHz,
internal Clock Doubler active. DAC tested with 1307.894 Hz full-scale output sinewave, measurement
bandwidth 20..20000 Hz, analog output load: LEFT to GBUF 30Ω, RIGHT to GBUF 30Ω.
Parameter
Symbol
Min
Typ
Max
Unit
DAC Resolution
18
bits
Total Harmonic Distortion
THD
0.1
0.2
%
Dynamic Range (DAC unmuted, A-weighted)
IDR
90
dB
S/N Ratio (full scale signal)
SNR
70
85
dB
Interchannel Isolation (Cross Talk)
50
75
dB
Interchannel Isolation (Cross Talk), with GBUF
40
dB
Interchannel Gain Mismatch
-0.5
0.5
dB
Frequency Response
-0.1
0.1
dB
Full Scale Output Voltage (Peak-to-peak)
1.4
1.61
2.0
Vpp
Deviation from Linear Phase
5
Analog Output Load Resistance
AOLR
16
302
Analog Output Load Capacitance
100
pF
1 3.2 volts can be achieved with +-to-+ wiring for mono difference sound.
2 AOLR may be much lower, but below Typical distortion performance may be compromised.
4.4
Power Consumption
Average current tested with an MPEG 1.0 Layer III 128 kbit/s sample and generated sine, output at full
volume, XTALI = 12.288 MHz, internal clock doubler enabled, DVDD = 2.5 V, AVDD = 2.7 V.
Parameter
Min
Typ
Max
Unit
Power Supply Consumption AVDD, Reset
0.5
30
µA
Power Supply Consumption DVDD, Reset
1
30
µA
Power Supply Consumption AVDD, sine test, 30Ω
20
mA
Power Supply Consumption AVDD, sine test, 30Ω + GBUF
39
50
mA
Power Supply Consumption DVDD, sine test
8
17
mA
Power Supply Consumption AVDD, no load
6
mA
Power Supply Consumption AVDD, output load 30Ω
10
mA
Power Supply Consumption AVDD, 30Ω + GBUF
16
mA
Power Supply Consumption DVDD
16
mA
Version 1.04,
2007-10-08
10


Similar Part No. - VS1011E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VS1011E ETC2-VS1011E Datasheet
654Kb / 48P
   MP3 AUDIO DECODER
logo
VLSI Solution Oy
VS1011E VLSI-VS1011E Datasheet
600Kb / 49P
   VS1011e - MP3 AUDIO DECODER
Version: 1.23, 2017-09-08
logo
List of Unclassifed Man...
VS1011E ETC2-VS1011E_12 Datasheet
654Kb / 48P
   MP3 AUDIO DECODER
More results

Similar Description - VS1011E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VS1001K ETC2-VS1001K Datasheet
448Kb / 40P
   MPEG AUDIO CODEC
VW2010 ETC-VW2010 Datasheet
358Kb / 2P
   MPEG-1, -2, -4 Audio/Video CODEC Chip
logo
NXP Semiconductors
SAA2520 PHILIPS-SAA2520 Datasheet
151Kb / 36P
   Stereo filter and codec for MPEG layer 1 audio applications
August 1993
logo
STMicroelectronics
STI3520ACV STMICROELECTRONICS-STI3520ACV Datasheet
1Mb / 15P
   MPEG AUDIO / MPEG 2 VIDEO INTEGRATED DECODER
logo
Integrated Circuit Syst...
MK2731-04C ICST-MK2731-04C Datasheet
59Kb / 4P
   MPEG Audio Clock
logo
STMicroelectronics
STD8010 STMICROELECTRONICS-STD8010 Datasheet
108Kb / 3P
   Flexible MPEG audio/video codec with DVD and DVB receiver capability
logo
Sanyo Semicon Device
LC8230 SANYO-LC8230 Datasheet
138Kb / 7P
   MPEG Audio Decoder LSI
logo
Integrated Circuit Syst...
MK2731-03C ICST-MK2731-03C Datasheet
61Kb / 4P
   MPEG Audio Clock Synthesizer
logo
NXP Semiconductors
SAA2500 PHILIPS-SAA2500 Datasheet
199Kb / 47P
   MPEG Audio Source Decoder
September 1994
logo
Integrated Circuit Syst...
MK1412 ICST-MK1412 Datasheet
61Kb / 4P
   MPEG Audio Clock Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com