Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2N1711 Datasheet(PDF) 4 Page - STMicroelectronics

Part No. 2N1711
Description  SWITCHES AND UNIVERSAL AMPLIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  STMICROELECTRONICS [STMicroelectronics]
Homepage  http://www.st.com
Logo 

   
 4 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
12.7
0.500
B
0.49
0.019
D
6.6
0.260
E
8.5
0.334
F
9.4
0.370
G
5.08
0.200
H
1.2
0.047
I
0.9
0.035
L45
o (typ.)
L
G
I
DA
H
TO39 MECHANICAL DATA
P008B
2N1613-2N1711
4/5




Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SC1788Medium Power Amplifiers and Switches 1 List of Unclassifed Manufacturers
2N2906PNP SILICON GENERAL PURPOSE AMPLIFIERS AND SWITCHES 1 2 Micro Electronics
BFR79Medium Power Amplifiers and Switches 1 List of Unclassifed Manufacturers
2N22907AMedium Current General Purpose Amplifiers and Switches 1 2 3 4 5 MoreRaytheon Company
2N5368COMPLEMENTARY SILICON GENERAL PURPOSE AMPLIFIERS AND SWITCHES 1 Micro Electronics
HD74ALVC162834A18-bit Universal Bus Driver with 3-state Outputs and Inverted Latch Enable 1 2 3 4 5 MoreHitachi Semiconductor
BFR92PNPN Silicon RF Transistor For broadband amplifiers up to 2GHz and fast non-saturated switches at collector currents from 0.5 mA to 20 mA 1 2 3 4 5 MoreSiemens Semiconductor Group
BFY196HiRel NPN Silicon RF Transistor HiRel Discrete and Microwave Semiconductor For low noise high gain amplifiers up to 2 GHz. 1 2 3 4 5 Siemens Semiconductor Group
ISL43240Low-Voltage Single and Dual Supply Quad SPDT High Performance Analog Switches 1 2 3 4 5 MoreIntersil Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl