Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8013 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL8013
Description  3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8013 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL8013 Datasheet HTML 5Page - Intersil Corporation ISL8013 Datasheet HTML 6Page - Intersil Corporation ISL8013 Datasheet HTML 7Page - Intersil Corporation ISL8013 Datasheet HTML 8Page - Intersil Corporation ISL8013 Datasheet HTML 9Page - Intersil Corporation ISL8013 Datasheet HTML 10Page - Intersil Corporation ISL8013 Datasheet HTML 11Page - Intersil Corporation ISL8013 Datasheet HTML 12Page - Intersil Corporation ISL8013 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FN6309.1
December 27, 2007
FIGURE 15. OUTPUT VOLTAGE REGULATION vs VIN
(PWM VOUT = 1.8 )
FIGURE 16. OUTPUT VOLTAGE REGULATION vs VIN
(PFM VOUT = 1.8V)
FIGURE 17. STEADY STATE OPERATION AT NO LOAD (PWM)
FIGURE 18. STEADY STATE OPERATION AT NO LOAD (PFM)
FIGURE 19. STEADY STATE OPERATION WITH FULL LOAD
FIGURE 20. MODE TRANSITION CCM TO DCM
Typical Operating Performance (Unless otherwise noted, operating conditions are: TA = +25°C, VVIN = 2.5V to 5.5V, EN = VIN,
SYNCH = 0V, L = 1.5µH, C1 = 2x22µF, C2 = 2x22µF, IOUT = 0A to 3A). (Continued)
1.750
1.760
1.770
1.780
1.790
1.800
1.810
1.820
1.830
2.02.5
3.03.5
4.04.5
5.05.5
INPUT VOLTAGE (V)
3A LOAD PWM
0A LOAD PWM
1.750
1.760
1.770
1.780
1.790
1.800
1.810
1.820
1.830
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
3A LOAD
0A LOAD
LX 2V/DIV
VOUT RIPPLE 20mV/DIV
IL 0.5A/DIV
LX 2V/DIV
VOUT RIPPLE 20mV/DIV
IL 0.5A/DIV
LX 2V/DIV
VOUT RIPPLE 20mV/DIV
IL 1A/DIV
LX 2V/DIV
VOUT RIPPLE 50mV/DIV
IL 1A/DIV
ISL8013


Similar Part No. - ISL8013

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8013 RENESAS-ISL8013 Datasheet
2Mb / 18P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL80136 INTERSIL-ISL80136 Datasheet
374Kb / 9P
   40V, Low Quiescent Current, 50mA Linear Regulator
logo
Renesas Technology Corp
ISL80136 RENESAS-ISL80136 Datasheet
697Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
ISL80136 RENESAS-ISL80136 Datasheet
696Kb / 9P
   40V, Low Quiescent Current, 150mA Linear Regulator
logo
Intersil Corporation
ISL80136 INTERSIL-ISL80136 Datasheet
500Kb / 10P
   40V, Low Quiescent Current, 50mA Linear Regulator
August 11, 2015
More results

Similar Description - ISL8013

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL8013A RENESAS-ISL8013A Datasheet
2Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8013A INTERSIL-ISL8013A Datasheet
1Mb / 17P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8013 RENESAS-ISL8013 Datasheet
2Mb / 18P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8014IRZ-T INTERSIL-ISL8014IRZ-T Datasheet
1Mb / 16P
   Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL78213 RENESAS-ISL78213 Datasheet
2Mb / 17P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL78213ARZ INTERSIL-ISL78213ARZ Datasheet
1Mb / 16P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
May 12, 2015
ISL78213 INTERSIL-ISL78213 Datasheet
1Mb / 15P
   3A Low Quiescent Current, High Efficiency Synchronous Buck Regulator
logo
Renesas Technology Corp
ISL8012 RENESAS-ISL8012 Datasheet
1Mb / 17P
   2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Intersil Corporation
ISL8014A INTERSIL-ISL8014A Datasheet
1Mb / 15P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8014 INTERSIL-ISL8014 Datasheet
1Mb / 16P
   4A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com