Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3282E Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL3282E
Description  짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps Full Fail-safe, Low Power, RS-485/RS-422 Receivers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3282E Datasheet(HTML) 3 Page - Intersil Corporation

  ISL3282E Datasheet HTML 1Page - Intersil Corporation ISL3282E Datasheet HTML 2Page - Intersil Corporation ISL3282E Datasheet HTML 3Page - Intersil Corporation ISL3282E Datasheet HTML 4Page - Intersil Corporation ISL3282E Datasheet HTML 5Page - Intersil Corporation ISL3282E Datasheet HTML 6Page - Intersil Corporation ISL3282E Datasheet HTML 7Page - Intersil Corporation ISL3282E Datasheet HTML 8Page - Intersil Corporation ISL3282E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
FN6543.2
October 18, 2007
Ordering Information
PART NUMBER
(Notes 1, 2)
PART
MARKING (Note 3)
TEMP. RANGE (°C)
PACKAGE
(Tape and Reel)
(Pb-Free)
PKG. DWG. #
ISL3280EFHZ-T
280F
-40 to +125
5 Ld SOT-23
P5.064
ISL3280EIHZ-T
280I
-40 to +85
5 Ld SOT-23
P5.064
ISL3281EFHZ-T
281F
-40 to +125
6 Ld SOT-23
P6.064
ISL3281EIHZ-T
281I
-40 to +85
6 Ld SOT-23
P6.064
ISL3282EFRTZ-T
82F
-40 to +125
8 Ld TDFN
L8.2x3A
ISL3282EIRTZ-T
82I
-40 to +85
8 Ld TDFN
L8.2x3A
ISL3283EFHZ-T
283F
-40 to +125
6 Ld SOT-23
P6.064
ISL3283EIHZ-T
283I
-40 to +85
6 Ld SOT-23
P6.064
ISL3284EFHZ-T
284F
-40 to +125
6 Ld SOT-23
P6.064
ISL3284EIHZ-T
284I
-40 to +85
6 Ld SOT-23
P6.064
ISL3285EFRTZ-T
85F
-40 to +125
8 Ld TDFN
L8.2x3A
ISL3285EIRTZ-T
85I
-40 to +85
8 Ld TDFN
L8.2x3A
NOTES:
1. These Intersil Pb-free plastic packaged products employ special Pb-free material sets; molding compounds/die attach materials and 100% matte
tin plate PLUS ANNEAL - e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations.
Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC
J STD-020.
2. Please refer to TB347 for details on reel specifications.
3. SOT-23 “PART MARKING” is branded on the bottom side.
ISL3280E, ISL3281E, ISL3282E, ISL3283E, ISL3284E, ISL3285E


Similar Part No. - ISL3282E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3282E INTERSIL-ISL3282E Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
ISL3282E INTERSIL-ISL3282E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL3282E INTERSIL-ISL3282E Datasheet
629Kb / 16P
   ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
logo
Renesas Technology Corp
ISL3282E RENESAS-ISL3282E Datasheet
944Kb / 16P
   Clock distribution
logo
Integrated Device Techn...
ISL3282EFRTZ-T IDT-ISL3282EFRTZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
More results

Similar Description - ISL3282E

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ISL3283EFHZ-T IDT-ISL3283EFHZ-T Datasheet
605Kb / 15P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
logo
Intersil Corporation
SOT-23 INTERSIL-SOT-23 Datasheet
629Kb / 16P
   ±16.5kV ESD Protected, 125°C, 3.0V to 5.5V, SOT-23/TDFN Packaged, 20Mbps, Full Fail-safe, Low Power, RS-485/RS-422 Receivers
July 27, 2015
ISL3293E INTERSIL-ISL3293E Datasheet
641Kb / 17P
   짹16.5kV ESD Protected, 125째C, 3.0V to 5.5V, SOT-23/TDFN Packaged, Low Power, RS-485/RS-422 Transmitters
ISL32173E INTERSIL-ISL32173E Datasheet
478Kb / 22P
   QUAD, 짹16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL32613E INTERSIL-ISL32613E Datasheet
546Kb / 11P
   짹16.5kV ESD Protected, 125째C, 1.8V to 3.6V, Low Power, SOT-23, RS-485/RS-422 Transmitters
logo
Renesas Technology Corp
ISL3298EMRTEP RENESAS-ISL3298EMRTEP Datasheet
379Kb / 11P
   16kV ESD Protected, 125°C, 3.0V to 5.5V, TDFN Packaged, Low Power RS-485/RS-422 Transmitter
Oct 24, 2019
logo
Intersil Corporation
ISL32173EIVZ-T INTERSIL-ISL32173EIVZ-T Datasheet
952Kb / 22P
   QUAD, 16.5kV ESD Protected, 3.0V to 5.5V, RS-485/RS-422 Receivers
ISL3179E INTERSIL-ISL3179E Datasheet
724Kb / 17P
   High ESD Protected, 125째C, 40Mbps 3.3V, Full Fail-Safe, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3179E RENESAS-ISL3179E Datasheet
1Mb / 18P
   High ESD Protected, 125째C, 40Mbps, 3.3V, Full Fail-Safe RS-485/RS-422 Transceivers
logo
Maxim Integrated Produc...
MAX3280E MAXIM-MAX3280E_V01 Datasheet
1Mb / 11P
   짹15kV ESD-Protected 52Mbps, 3V to 5.5V, SOT23 RS-485/RS-422 True Fail-Safe Receivers
19-2320; Rev 7; 1/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com