Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLN108F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLN108F
Description  INFRARED LEDS PHOTO SENSORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLN108F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLN108F Datasheet HTML 1Page - Toshiba Semiconductor TLN108F Datasheet HTML 2Page - Toshiba Semiconductor TLN108F Datasheet HTML 3Page - Toshiba Semiconductor TLN108F Datasheet HTML 4Page - Toshiba Semiconductor TLN108F Datasheet HTML 5Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TLN108(F)
2007-10-01
2
Optical And Electrical Characteristics (Ta = 25°C)
Characteristic
Symbol
Test Condition
Min
Typ.
Max
Unit
Forward voltage
VF
IF = 50 mA
1.3
1.4
V
Pulse forward voltage
VFP
IFP = 1 A
2.4
V
Reverse current
IR
VR = 5 V
10
μA
Radiant intensity
IE
IF = 50 mA
10
20
mW / sr
Radiant power
PO
IF = 50 mA
3
mW
Capacitance
CT
VR = 0, f = 1 MHz
30
pF
Peak emission wavelength
λP
IF = 50 mA
940
nm
Spectral line half width
Δλ
IF = 50 mA
50
nm
Half value angle
θ
2
1
IF = 50 mA
±8
°
Precautions
Please be careful of the followings.
1.
Soldering temperature: 260°C max
Soldering time: 5s max
(Soldering must be performed 1.5m from the bottom of the package.)
2.
When forming the leads, bend each lead under the 2mm from the body of the device.
Soldering must be performed after the leads have been formed.
3.
Radiant intensity falls over time due to the current which flows in the infrared LED.
When designing a circuit, take into account this change in radiant power over time.
The ratio of fluctuation in radiation intensity to fluctuation in optical output is 1 : 1.
(0)
P
(t)
P
(0)
I
(t)
I
O
O
E
E
=


Similar Part No. - TLN108F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLN108 TOSHIBA-TLN108 Datasheet
237Kb / 5P
   INFRARED LEDS PHOTO SENSORS
TLN108LB TOSHIBA-TLN108LB Datasheet
237Kb / 5P
   INFRARED LEDS PHOTO SENSORS
More results

Similar Description - TLN108F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLN104 TOSHIBA-TLN104 Datasheet
237Kb / 5P
   INFRARED LEDS PHOTO SENSORS
TLP908 TOSHIBA-TLP908 Datasheet
379Kb / 8P
   PHOTOREFLECTIVE SENSORS INFRARED LED PHOTO TRANSISTOR
TLP822 TOSHIBA-TLP822 Datasheet
430Kb / 11P
   PHOTO INTERRUPTERS INFRARED LED PHOTO TRANSISTOR
TLP1004A TOSHIBA-TLP1004A Datasheet
202Kb / 10P
   INFRARED LED PHOTO IC
logo
Marktech Corporate
MTRS9520 MARKTECH-MTRS9520_15 Datasheet
609Kb / 3P
   Infrared Light Photo Reflector
logo
Toshiba Semiconductor
TLP802 TOSHIBA-TLP802 Datasheet
283Kb / 6P
   INFRARED LEDPHOTO TRANSISTOR
TLP293 TOSHIBA-TLP293 Datasheet
649Kb / 15P
   Infrared LED & Photo Transistor
TLP2161 TOSHIBA-TLP2161 Datasheet
448Kb / 17P
   Infrared LED & Photo IC
logo
Marktech Corporate
MTRS9520D MARKTECH-MTRS9520D_15 Datasheet
605Kb / 3P
   Infrared Light Photo Reflector
logo
Toshiba Semiconductor
TLP387 TOSHIBA-TLP387 Datasheet
525Kb / 14P
   Infrared LED & Photo Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com