Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLOE28CF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLOE28CF
Description  Panel Circuit Indicator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLOE28CF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLOE28CF Datasheet HTML 1Page - Toshiba Semiconductor TLOE28CF Datasheet HTML 2Page - Toshiba Semiconductor TLOE28CF Datasheet HTML 3Page - Toshiba Semiconductor TLOE28CF Datasheet HTML 4Page - Toshiba Semiconductor TLOE28CF Datasheet HTML 5Page - Toshiba Semiconductor TLOE28CF Datasheet HTML 6Page - Toshiba Semiconductor TLOE28CF Datasheet HTML 7Page - Toshiba Semiconductor TLOE28CF Datasheet HTML 8Page - Toshiba Semiconductor TLOE28CF Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TL(RE,RME,SE,OE,YE,GE)28C(F)
2007-10-01
1
TOSHIBA InGaAℓP LED
TLRE28C(F),TLRME28C(F),TLSE28C(F),TLOE28C(F),
TLYE28C(F),TLGE28C(F)
Panel Circuit Indicator
• Lead(Pb)-free products (lead: Sn-Ag-Cu)
• 4.3x5mm
• InGaAℓP technology
• Colored Transparent lens
• Lineup: 6 colors (red,yellow, green)
• Excellent low current light output
• High intensity light emission
• Applications: message boards, dashboard displays
Lineup
Absolute Maximum Ratings (Ta = 25°C)
Product Name
Forward Current
IF (mA)
Reverse Voltage
VR (V)
Power Dissipation
PD (mW)
Operating
Temperature
Topr (°C)
Storage
Temperature
Tstg (°C)
TLRE28C(F)
50
4
120
TLRME28C(F)
50
4
120
TLSE28C(F)
50
4
120
TLOE28C(F)
50
4
120
TLYE28C(F)
50
4
120
TLGE28C(F)
50
4
120
−40~100
−40~120
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Unit: mm
JEDEC
EIAJ
TOSHIBA
4-5AQ1
Weight: 0.25 g (Typ.)
Product Name
Color
Material
TLRE28C(F)
Red
InGaAℓP
TLRME28C(F)
Red
InGaAℓP
TLSE28C(F)
Red
InGaAℓP
TLOE28C(F)
Orange
InGaAℓP
TLYE28C(F)
Yellow
InGaAℓP
TLGE28C(F)
Green
InGaAℓP


Similar Part No. - TLOE28CF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLOE20T TOSHIBA-TLOE20T Datasheet
205Kb / 8P
   Panel Circuit Indicator
TLOE20TP TOSHIBA-TLOE20TP Datasheet
271Kb / 8P
   Panel Circuit Indicator
TLOE20TP TOSHIBA-TLOE20TP Datasheet
247Kb / 9P
   Panel Circuit Indicator
TLOE20TPF TOSHIBA-TLOE20TPF Datasheet
271Kb / 8P
   Panel Circuit Indicator
TLOE20TPF TOSHIBA-TLOE20TPF Datasheet
247Kb / 9P
   Panel Circuit Indicator
More results

Similar Description - TLOE28CF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com