Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLSE28CF Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLSE28CF
Description  Panel Circuit Indicator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLSE28CF Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLSE28CF Datasheet HTML 1Page - Toshiba Semiconductor TLSE28CF Datasheet HTML 2Page - Toshiba Semiconductor TLSE28CF Datasheet HTML 3Page - Toshiba Semiconductor TLSE28CF Datasheet HTML 4Page - Toshiba Semiconductor TLSE28CF Datasheet HTML 5Page - Toshiba Semiconductor TLSE28CF Datasheet HTML 6Page - Toshiba Semiconductor TLSE28CF Datasheet HTML 7Page - Toshiba Semiconductor TLSE28CF Datasheet HTML 8Page - Toshiba Semiconductor TLSE28CF Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TL(RE,RME,SE,OE,YE,GE)28C(F)
2007-10-01
2
Electrical and Optical Characteristics (Ta = 25°C)
Typ. Emission Wavelength
Luminous Intensity
IV
Forward Voltage
VF
Reverse
Current
IR
Product Name
λd
λP
Δλ
IF
Min
Typ.
IF
Typ.
Max
IF
Max
VR
TLRE28C(F)
630
(644)
20
20
85
200
20
1.9
2.4
20
50
4
TLRME28C(F)
626
(636)
23
20
85
200
20
1.9
2.4
20
50
4
TLSE28C(F)
613
(623)
20
20
85
300
20
1.9
2.4
20
50
4
TLOE28C(F)
605
(612)
20
20
153
500
20
2.0
2.4
20
50
4
TLYE28C(F)
587
(590)
17
20
153
350
20
2.0
2.4
20
50
4
TLGE28C(F)
571
(574)
17
20
47.6
150
20
2.0
2.4
20
50
4
Unit
nm
mA
mcd
mA
V
mA
μA
V
Please be careful of the following:
• Soldering temperature: 260°C max, soldering time: 3 s max
(soldering portion of lead: below the lead stopper of the device)
• If the lead is formed, the lead should be formed up to below the lead stopper of the device without forming stress
to the resin. Soldering should be performed after lead forming.
• This visible LED lamp also emits some IR light.
If a photodetector is located near the LED lamp, please ensure that it will not be affected by this IR light.


Similar Part No. - TLSE28CF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLSE20T TOSHIBA-TLSE20T Datasheet
205Kb / 8P
   Panel Circuit Indicator
TLSE20TP TOSHIBA-TLSE20TP Datasheet
271Kb / 8P
   Panel Circuit Indicator
TLSE20TP TOSHIBA-TLSE20TP Datasheet
247Kb / 9P
   Panel Circuit Indicator
TLSE20TPF TOSHIBA-TLSE20TPF Datasheet
271Kb / 8P
   Panel Circuit Indicator
TLSE20TPF TOSHIBA-TLSE20TPF Datasheet
247Kb / 9P
   Panel Circuit Indicator
More results

Similar Description - TLSE28CF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com