Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLYE28C Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TLYE28C
Description  Panel Circuit Indicator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLYE28C Datasheet(HTML) 6 Page - Toshiba Semiconductor

  TLYE28C Datasheet HTML 1Page - Toshiba Semiconductor TLYE28C Datasheet HTML 2Page - Toshiba Semiconductor TLYE28C Datasheet HTML 3Page - Toshiba Semiconductor TLYE28C Datasheet HTML 4Page - Toshiba Semiconductor TLYE28C Datasheet HTML 5Page - Toshiba Semiconductor TLYE28C Datasheet HTML 6Page - Toshiba Semiconductor TLYE28C Datasheet HTML 7Page - Toshiba Semiconductor TLYE28C Datasheet HTML 8Page - Toshiba Semiconductor TLYE28C Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
TL(RE,RME,SE,OE,YE,GE)28C(F)
2007-10-01
6
TLOE28C(F)
2.0
1.6
2.3
50
30
10
3
1
1.7
2.1
5
100
1.8
1.9
2.2
Ta
= 25°C
Relative luminous intensity – Wavelength
Wavelength
λ (nm)
IF = 20mA
Ta = 25 °C
IV – Tc
Case temperature Tc (°C)
80
60
40
20
0
−20
3
0.1
1
0.5
0.3
IF – Ta
Ambient temperature Ta (°C)
80
0
0
60
40
20
20
40
60
80
100
120
IF – VF
Forward voltage VF (V)
IV – IF
Forward current IF (mA)
10000
10
1
1000
100
10
100
Ta = 25 °C
Radiation pattern
580
540
660
0.8
0
0.6
1.0
0.2
0.4
560
600
620
640
IF = 20 mA
Ta
= 25°C


Similar Part No. - TLYE28C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLYE20T TOSHIBA-TLYE20T Datasheet
205Kb / 8P
   Panel Circuit Indicator
TLYE20TP TOSHIBA-TLYE20TP Datasheet
271Kb / 8P
   Panel Circuit Indicator
TLYE20TP TOSHIBA-TLYE20TP Datasheet
247Kb / 9P
   Panel Circuit Indicator
TLYE20TPF TOSHIBA-TLYE20TPF Datasheet
271Kb / 8P
   Panel Circuit Indicator
TLYE20TPF TOSHIBA-TLYE20TPF Datasheet
247Kb / 9P
   Panel Circuit Indicator
More results

Similar Description - TLYE28C

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLGC160 TOSHIBA-TLGC160 Datasheet
182Kb / 4P
   PANEL CIRCUIT INDICATOR
TLGD262 TOSHIBA-TLGD262 Datasheet
184Kb / 4P
   PANEL CIRCUIT INDICATOR
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
   Panel Circuit Indicator
TLOE17T TOSHIBA-TLOE17T Datasheet
180Kb / 8P
   Panel Circuit Indicator
TLRH180P TOSHIBA-TLRH180P Datasheet
143Kb / 4P
   Panel Circuit Indicator
S4F42Q1 TOSHIBA-S4F42Q1 Datasheet
313Kb / 8P
   PANEL CIRCUIT INDICATOR
TLRMK37TPK53MT1 TOSHIBA-TLRMK37TPK53MT1 Datasheet
372Kb / 7P
   Panel Circuit Indicator
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
   Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
   Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
   Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
   Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com