Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLOE53T Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLOE53T
Description  Panel Circuit Indicators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLOE53T Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLOE53T Datasheet HTML 1Page - Toshiba Semiconductor TLOE53T Datasheet HTML 2Page - Toshiba Semiconductor TLOE53T Datasheet HTML 3Page - Toshiba Semiconductor TLOE53T Datasheet HTML 4Page - Toshiba Semiconductor TLOE53T Datasheet HTML 5Page - Toshiba Semiconductor TLOE53T Datasheet HTML 6Page - Toshiba Semiconductor TLOE53T Datasheet HTML 7Page - Toshiba Semiconductor TLOE53T Datasheet HTML 8Page - Toshiba Semiconductor TLOE53T Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
TL(RE,RME,SE,OE,YE,PYE,GE,FGE,PGE)53T(F)
2007-10-01
2
Absolute Maximum Ratings (Ta = 25°C)
Product Name
Forward Current
IF (mA)
Reverse Voltage
VR (V)
Power Dissipation
PD (mW)
Operating
Temperature
Topr (°C)
Storage
Temperature
Tstg (°C)
TLRE53T(F)
50
4
120
TLRME53T(F)
50
4
120
TLSE53T(F)
50
4
120
TLOE53T(F)
50
4
120
TLYE53T(F)
50
4
120
TLPYE53T(F)
50
4
120
TLGE53T(F)
50
4
120
TLFGE53T(F)
50
4
120
TLPGE53T(F)
50
4
120
−40~100
−40~120
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical and Optical Characteristics (Ta = 25°C)
Typ. Emission Wavelength
Luminous Intensity
IV
Forward Voltage
VF
Reverse Current
IR
Product Name
λd
λP
Δλ
IF
Min
Typ.
IF
Typ.
Max
IF
Max
VR
TLRE53T (F)
630
(644)
20
20
153
400
20
1.9
2.4
20
50
4
TLRME53T (F)
626
(636)
23
20
272
600
20
1.9
2.4
20
50
4
TLSE53T (F)
613
(623)
20
20
272
800
20
1.9
2.4
20
50
4
TLOE53T (F)
605
(612)
20
20
272
1000
20
2.0
2.4
20
50
4
TLYE53T (F)
587
(590)
17
20
272
800
20
2.0
2.4
20
50
4
TLPYE53T (F)
580
(583)
14
20
153
450
20
2.0
2.4
20
50
4
TLGE53T (F)
571
(574)
17
20
153
400
20
2.0
2.4
20
50
4
TLFGE53T (F)
565
(568)
15
20
85
200
20
2.0
2.4
20
50
4
TLPGE53T (F)
558
(562)
14
20
47.6
130
20
2.1
2.4
20
50
4
Unit
nm
mA
mcd
mA
V
mA
μA
V
Precautions
Please be careful of the following:
• Soldering temperature: 260°C max, soldering time: 3 s max
(soldering portion of lead: up to 1.6 mm from the body of the device)
• If the lead is formed, the lead should be formed up to 1.6 mm from the body of the device without forming stress
to the resin. Soldering should be performed after lead forming.
• This visible LED lamp also emits some IR light.
If a photodetector is located near the LED lamp, please ensure that it will not be affected by this IR light.


Similar Part No. - TLOE53T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLOE53T TOSHIBA-TLOE53T Datasheet
221Kb / 12P
   TOSHIBA InGaALP LED
More results

Similar Description - TLOE53T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRE60T TOSHIBA-TLRE60T Datasheet
250Kb / 7P
   Panel Circuit Indicators
TLRE62T TOSHIBA-TLRE62T_07 Datasheet
285Kb / 12P
   Panel Circuit Indicators
TLGE33TP TOSHIBA-TLGE33TP Datasheet
244Kb / 3P
   Panel Circuit Indicators
TLWK1100C TOSHIBA-TLWK1100C Datasheet
278Kb / 9P
   Panel Circuit Indicators
TLRE60T TOSHIBA-TLRE60T_08 Datasheet
197Kb / 7P
   Panel Circuit Indicators
TLWF1109 TOSHIBA-TLWF1109 Datasheet
258Kb / 10P
   Panel Circuit Indicators
TLWK1109 TOSHIBA-TLWK1109 Datasheet
266Kb / 10P
   Panel Circuit Indicators
TLRM1060 TOSHIBA-TLRM1060 Datasheet
315Kb / 14P
   Panel Circuit Indicators
TLRH62T TOSHIBA-TLRH62T_08 Datasheet
191Kb / 6P
   Panel Circuit Indicators
TLWLK1109 TOSHIBA-TLWLK1109 Datasheet
284Kb / 10P
   Panel Circuit Indicators
TLOE33CP TOSHIBA-TLOE33CP Datasheet
305Kb / 8P
   Panel Circuit Indicators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com