Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLPYE33CP Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TLPYE33CP
Description  Panel Circuit Indicators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLPYE33CP Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TLPYE33CP Datasheet HTML 1Page - Toshiba Semiconductor TLPYE33CP Datasheet HTML 2Page - Toshiba Semiconductor TLPYE33CP Datasheet HTML 3Page - Toshiba Semiconductor TLPYE33CP Datasheet HTML 4Page - Toshiba Semiconductor TLPYE33CP Datasheet HTML 5Page - Toshiba Semiconductor TLPYE33CP Datasheet HTML 6Page - Toshiba Semiconductor TLPYE33CP Datasheet HTML 7Page - Toshiba Semiconductor TLPYE33CP Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
TL(OE,YE,PYE,GE,FGE)33CP(F)
2007-10-01
2
Absolute Maximum Ratings (Ta = 25°C)
Product Name
Forward Current
IF (mA)
Reverse Voltage
VR (V)
Power Dissipation
PD (mW)
Operating
Temperature
Topr (°C)
Storage
Temperature
Tstg (°C)
TLOE33CP(F)
50
4
120
TLYE33CP(F)
50
4
120
TLPYE33CP(F)
50
4
120
TLGE33CP(F)
50
4
120
TLFGE33CP(F)
50
4
120
−40~100
−40~120
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even
if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Electrical and Optical Characteristics (Ta = 25°C)
Typ. Emission Wavelength
Luminous Intensity
IV
Forward Voltage
VF
Reverse Current
IR
Product Name
λd
λP
Δλ
IF
Min
Typ.
IF
Typ.
Max
IF
Max
VR
TLOE33CP(F)
605
(612)
20
20
1530
4000
20
2.0
2.4
20
50
4
TLYE33CP(F)
587
(590)
17
20
1530
3500
20
2.0
2.4
20
50
4
TLPYE33CP(F)
580
(583)
14
20
476
1400
20
2.0
2.4
20
50
4
TLGE33CP(F)
571
(574)
17
20
272
800
20
2.0
2.4
20
50
4
TLFGE33CP(F)
565
(568)
15
20
153
400
20
2.0
2.4
20
50
4
Unit
nm
mA
mcd
mA
V
mA
μA
V
Precautions
Please be careful of the following:
• Soldering temperature: 260°C max, soldering time: 3 s max
(soldering portion of lead: up to 1.6 mm from the body of the device)
• If the lead is formed, the lead should be formed up to 1.6 mm from the body of the device without forming stress
to the resin. Soldering should be performed after lead forming.
• This visible LED lamp also emits some IR light.
If a photodetector is located near the LED lamp, please ensure that it will not be affected by this IR light.


Similar Part No. - TLPYE33CP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLPYE1002A TOSHIBA-TLPYE1002A Datasheet
644Kb / 17P
   TOSHIBA LED LAMP
TLPYE1002A TOSHIBA-TLPYE1002A Datasheet
314Kb / 18P
   Panel Circuit Indicator
TLPYE1002A TOSHIBA-TLPYE1002A Datasheet
258Kb / 18P
   Panel Circuit Indicators
TLPYE1008A TOSHIBA-TLPYE1008A Datasheet
645Kb / 17P
   Panel Circuit Indicator
TLPYE18TP TOSHIBA-TLPYE18TP Datasheet
206Kb / 7P
   Panel Circuit Indicator
More results

Similar Description - TLPYE33CP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLRE60T TOSHIBA-TLRE60T Datasheet
250Kb / 7P
   Panel Circuit Indicators
TLRE62T TOSHIBA-TLRE62T_07 Datasheet
285Kb / 12P
   Panel Circuit Indicators
TLGE33TP TOSHIBA-TLGE33TP Datasheet
244Kb / 3P
   Panel Circuit Indicators
TLWK1100C TOSHIBA-TLWK1100C Datasheet
278Kb / 9P
   Panel Circuit Indicators
TLRE60T TOSHIBA-TLRE60T_08 Datasheet
197Kb / 7P
   Panel Circuit Indicators
TLWF1109 TOSHIBA-TLWF1109 Datasheet
258Kb / 10P
   Panel Circuit Indicators
TLWK1109 TOSHIBA-TLWK1109 Datasheet
266Kb / 10P
   Panel Circuit Indicators
TLRM1060 TOSHIBA-TLRM1060 Datasheet
315Kb / 14P
   Panel Circuit Indicators
TLRH62T TOSHIBA-TLRH62T_08 Datasheet
191Kb / 6P
   Panel Circuit Indicators
TLWLK1109 TOSHIBA-TLWLK1109 Datasheet
284Kb / 10P
   Panel Circuit Indicators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com