Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL78100ARZ-TK Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL78100ARZ-TK
Description  High Power LED Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78100ARZ-TK Datasheet(HTML) 3 Page - Intersil Corporation

  ISL78100ARZ-TK Datasheet HTML 1Page - Intersil Corporation ISL78100ARZ-TK Datasheet HTML 2Page - Intersil Corporation ISL78100ARZ-TK Datasheet HTML 3Page - Intersil Corporation ISL78100ARZ-TK Datasheet HTML 4Page - Intersil Corporation ISL78100ARZ-TK Datasheet HTML 5Page - Intersil Corporation ISL78100ARZ-TK Datasheet HTML 6Page - Intersil Corporation ISL78100ARZ-TK Datasheet HTML 7Page - Intersil Corporation ISL78100ARZ-TK Datasheet HTML 8Page - Intersil Corporation ISL78100ARZ-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
FN6626.0
December 17, 2007
.
FBOV FAULT
Feedback Overvoltage Fault
VLEVEL = 1V, EN/PWM = 3V
220
250
300
mV
fSW
Switching Frequency
800
1000
1150
kHz
fDIMMING
Maximum Recommended PWM
Dimming Frequency
Mode = 1, modulation signal applied to EN/PWM
10
kHz
tSWITCH
Load Switch Transition Time
CGATE = 2nF
100
ns
RLSDRIVERL
Load Switch Driver Impedance Low
EN/PWM = 0
30
50
Ω
RLSDRIVERH Load Switch Driver Impedance High
EN/PWM = 3V
30
52
Ω
tFAULT
Fault Timer Period
40
50
60
ms
tDELAY
Start-up Delay
Timed LX switching delay
0.85
1
1.24
ms
VFAULTPUMP Fault Pin Charge Pump
VBAT = VIN = 3V
6
V
VBOOST
Boost Mode Threshold
BUCK/BOOSTN = GND
0.4VDC
V
VBUCK
Buck Mode Threshold
BUCK/BOOSTN = VDC
0.94VDC
V
VMODEL
Mode Low Threshold
MODE = GND
1/3VDC
V
VMODEH
Mode High Threshold
MODE = VDC
2/3VDC
V
enFAULT
Input Level Applied to TMAX Pin to
Enable Fault Protection
0.9VDC
V
disFAULT
Input Level Applied to TMAX Pin to
Disable Fault Protection
0.96VDC
V
enTEMP
Input Level Applied to TEMP Pin to
Enable Temperature Compensation
0.5
V
disTEMP
Input Level Applied to TEMP Pin to
Disable Temperature Compensation
0.08
V
TCOMPP
VFB Positive Temperature
Compensation; VFB/VFBnom
VTEMP/VDC = 0.80
1.26
TCOMPN
VFB Negative Temperature
Compensation; VFB/VFBnom
VTEMP/VDC = 0.20
0.74
TTRIP
Internal Temperature Protection
Threshold
135
°C
THYS
Internal Temperature Protection
Hysteresis
25
°C
VEN/PWML
EN/PWM Pin Input Low Threshold
1.2
V
VEN/PWMH
EN/PWM Pin Input High Threshold
2.5
V
VDCUVLO
VDC Undervoltage Lockout
2.6
V
RSchottky
Internal Schottky Diode for Buck
15
23
Ω
Electrical Specifications
VBAT = VIN = 12V, VDC = 5V, TA = -40°C to +105°C unless otherwise specified. (Continued)
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
TABLE 1. LIGHT OUTPUT CONTROL, VDC = 5.0V
MODE
TEMP
OPERATING MODE
1
(VDC - 0.25) > V > 0.25V Standard Mode light level to PWM modulation of EN/PWM input; LED bias current determined by
LEVEL voltage, nominal 1V
Don’t Care
V < 0.25V
Disable temperature compensation
0
V < (VDC - 0.25)
Fixed Bias Mode VFB level internally set to 0.4V, independent of VLEVEL
ISL78100


Similar Part No. - ISL78100ARZ-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL78100ARZ-TK INTERSIL-ISL78100ARZ-TK Datasheet
905Kb / 19P
   High Power LED Driver
December 24, 2013
logo
Renesas Technology Corp
ISL78100ARZ-TK RENESAS-ISL78100ARZ-TK Datasheet
1Mb / 20P
   High Power LED Driver
More results

Similar Description - ISL78100ARZ-TK

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2842 DIODES-PAM2842 Datasheet
503Kb / 17P
   HIGH POWER LED DRIVER
logo
Princeton Technology Co...
PT6904 PTC-PT6904 Datasheet
371Kb / 4P
   High Power LED Driver
PT6901 PTC-PT6901 Datasheet
230Kb / 4P
   High Power LED Driver
logo
Agamem Microelectronic ...
AA1716 AGAMEM-AA1716 Datasheet
45Kb / 1P
   HIGH POWER LED DRIVER
AA1702 AGAMEM-AA1702 Datasheet
46Kb / 1P
   HIGH POWER LED DRIVER
logo
Princeton Technology Co...
PT6901 PTC-PT6901_10 Datasheet
230Kb / 4P
   High Power LED Driver
logo
List of Unclassifed Man...
MLX10803 ETC2-MLX10803 Datasheet
462Kb / 25P
   High power LED driver
MLX10803 ETC2-MLX10803_06 Datasheet
461Kb / 25P
   High power LED driver
logo
IK Semicon Co., Ltd
IK2804 IKSEMICON-IK2804 Datasheet
590Kb / 12P
   HIGH-POWER LED DRIVER
IK2802 IKSEMICON-IK2802 Datasheet
597Kb / 12P
   HIGH-POWER LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com