Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL78100 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL78100
Description  High Power LED Driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78100 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL78100 Datasheet HTML 2Page - Intersil Corporation ISL78100 Datasheet HTML 3Page - Intersil Corporation ISL78100 Datasheet HTML 4Page - Intersil Corporation ISL78100 Datasheet HTML 5Page - Intersil Corporation ISL78100 Datasheet HTML 6Page - Intersil Corporation ISL78100 Datasheet HTML 7Page - Intersil Corporation ISL78100 Datasheet HTML 8Page - Intersil Corporation ISL78100 Datasheet HTML 9Page - Intersil Corporation ISL78100 Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
6
FN6626.0
December 17, 2007
FIGURE 13. 5 LEDs LINE REGULATION OF PWM DUTY
CYCLE OF 10%
FIGURE 14. 3 LEDs LINE REGULATION OF PWM DUTY
CYCLE OF 10%
FIGURE 15. LED CURRENT vs VLEVEL BIAS
FIGURE 16. QUIESCENT CURRENT (NON-SWITCHING)
FIGURE 17. START-UP WAVEFORMS
FIGURE 18. START-UP WAVEFORMS ZOOM-IN
Typical Performance Curves (Continued)
34
35
36
37
38
39
40
41
6
8
10
12
14
16
18
VIN (V)
10% @ 100Hz
10% @ 10kHz
5 LEDs
ILEDpeak = 380mA
DUTY CYCLE = 10%
32
33
34
35
36
37
38
39
40
41
42
4
5
6
7
8910
VIN (V)
3 LEDs
ILEDpeak = 380mA
DUTY CYCLE = 10%
PWM @ 10kHz
PWM @ 100Hz
0
50
100
150
200
250
300
350
400
0
0.2
0.4
0.6
0.8
1.0
VLEVEL (V)
RSET = 0.5
Ω
DUTY CYCLE = 100%
5 LED
3 LED
8 LED
0.0001
0.0010
0.0100
0.1000
6
8
10
12
14
16
18
VIN (V)
EN/PWM = 0
VLEVEL = 1V
TA = +25°C
8 LEDs
ILED = 350mA
VIN
LX
IL
FB
8 LEDs
ILED = 350mA
VIN
LX
IL
FB
ISL78100


Similar Part No. - ISL78100

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78100 RENESAS-ISL78100 Datasheet
1Mb / 20P
   High Power LED Driver
logo
Intersil Corporation
ISL78100 INTERSIL-ISL78100 Datasheet
905Kb / 19P
   High Power LED Driver
December 24, 2013
ISL78100ARZ INTERSIL-ISL78100ARZ Datasheet
905Kb / 19P
   High Power LED Driver
December 24, 2013
logo
Renesas Technology Corp
ISL78100ARZ RENESAS-ISL78100ARZ Datasheet
1Mb / 20P
   High Power LED Driver
logo
Intersil Corporation
ISL78100ARZ-T INTERSIL-ISL78100ARZ-T Datasheet
905Kb / 19P
   High Power LED Driver
December 24, 2013
More results

Similar Description - ISL78100

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PAM2842 DIODES-PAM2842 Datasheet
503Kb / 17P
   HIGH POWER LED DRIVER
logo
Princeton Technology Co...
PT6904 PTC-PT6904 Datasheet
371Kb / 4P
   High Power LED Driver
PT6901 PTC-PT6901 Datasheet
230Kb / 4P
   High Power LED Driver
logo
Agamem Microelectronic ...
AA1716 AGAMEM-AA1716 Datasheet
45Kb / 1P
   HIGH POWER LED DRIVER
AA1702 AGAMEM-AA1702 Datasheet
46Kb / 1P
   HIGH POWER LED DRIVER
logo
Princeton Technology Co...
PT6901 PTC-PT6901_10 Datasheet
230Kb / 4P
   High Power LED Driver
logo
List of Unclassifed Man...
MLX10803 ETC2-MLX10803 Datasheet
462Kb / 25P
   High power LED driver
MLX10803 ETC2-MLX10803_06 Datasheet
461Kb / 25P
   High power LED driver
logo
IK Semicon Co., Ltd
IK2804 IKSEMICON-IK2804 Datasheet
590Kb / 12P
   HIGH-POWER LED DRIVER
IK2802 IKSEMICON-IK2802 Datasheet
597Kb / 12P
   HIGH-POWER LED DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com