Part Name
         Description
OPB16450UART

 DS433 August 18, 2004 Product Specification ( 15 Page)


XILINX
100% 
Zoom Out Zoom In
 
 4 page
background image
OPB 16450 UART
4
DS433 August 18, 2004
1-800-255-7778
Product Specification
Parameter - Port Dependencies
The width of many of the OPB UART signals depends on parameter. In addition, when certain features are parameterized
away, the related input signals are unconnected. The dependencies between the OPB UART design parameters and I/O sig-
nals are shown in Table 3. parameters and I/O signals are shown in the following table.
UART
Signals
P13
baudoutN
Serial
O
1
Transmitter Clock
P14
rclk
Serial
I
Receiver 16x Clock (Optional.
May be driven by baudoutN
under control of the
C_HAS_EXTERNAL_RCLK
parameter).
P15
sin
Serial
I
Serial Data Input
P16
sout
Serial
O
1
Serial Data Output
P17
xin
Serial
I
Baud Rate Generator reference
clock. (Optional. May be driven
by OPB_Clk under control of the
C_HAS_EXTERNAL_XIN
parameter).
P18
xout
Serial
O
~XIN
Inverted XIN
P19
ctsN
Modem
I
ClearToSend (active low)
P20
dcdN
Modem
I
Data Carrier Detect (active low)
P21
dsrN
Modem
I
Data Set Ready (active low)
P22
dtrN
Modem
O
1
Data Terminal Ready (active
low)
P23
riN
Modem
I
Ring Indicator (active low)
P24
rtsN
Modem
O
1
Request To Send (active low)
P25
ddis
User
O
1
Driver Disable. Low when CPU
is reading OPB UART
P26
out1N
User
O
1
User controlled output
P27
out2N
User
O
1
User controlled output
P28
rxrdyN
User
O
1
DMA control signal
P29
txrdyN
User
O
1
DMA control signal
System
P30
OPB_Clk
System
I
System clock
P31
OPB_Rst
System
I
System Reset (active high)
P32
Freeze
System
I
Freezes UART for software
debug (active high)
Table 2: UART I/O Signals (Continued)
Grouping
Signal Name
Interface
I/O
Initial
diagra
m State
Description



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
GF5006Product Specification 7 Color TFT-LCD Module 1 2 3 4 5 MoreJewel Hill Electronic
HUBL-5101LProduct Specification 1 List of Unclassifed Manufacturers
V061ME02ENGINEERING PRODUCT SPECIFICATION 1 Z-Communications, Inc
RF1200RoHS Compliant & Pb-Free Product Package Style: QFN 6-pin 2x2 1 2 3 4 5 MoreRF Micro Devices
ES4810Digital Audio Processor Product Brief 1 2 ESS Technology,Inc
DF2S16FSProduct for Use Only as Protection against Electrostatic Discharge ESD . 1 2 3 Toshiba Semiconductor
DF3A5.6FEProduct for Use Only as Protection against Electrostatic Discharge ESD . 1 2 3 Toshiba Semiconductor
DF3A8.2FVProduct for Use Only as Protection against Electrostatic Discharge ESD 1 2 3 Toshiba Semiconductor
DF5A5.6LJEProduct for Use Only as Protection against Electrostatic Discharge ESD . 1 2 3 Toshiba Semiconductor
DF5A8.2CFUProduct for Use Only as Protection against Electrostatic Discharge ESD . 1 2 3 Toshiba Semiconductor

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl