Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA177GSE4 Datasheet(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA177GSE4
Description  Precision OPERATIONAL AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA177GSE4 Datasheet(HTML) 5 Page - Burr-Brown (TI)

  OPA177GSE4 Datasheet HTML 1Page - Burr-Brown (TI) OPA177GSE4 Datasheet HTML 2Page - Burr-Brown (TI) OPA177GSE4 Datasheet HTML 3Page - Burr-Brown (TI) OPA177GSE4 Datasheet HTML 4Page - Burr-Brown (TI) OPA177GSE4 Datasheet HTML 5Page - Burr-Brown (TI) OPA177GSE4 Datasheet HTML 6Page - Burr-Brown (TI) OPA177GSE4 Datasheet HTML 7Page - Burr-Brown (TI) OPA177GSE4 Datasheet HTML 8Page - Burr-Brown (TI) OPA177GSE4 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
®
OPA177
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, VS = ±15V, unless otherwise noted.
150
140
130
120
110
100
90
80
1
10
100
1k
10k
100k
Frequency (Hz)
CMRR vs FREQUENCY
OPEN-LOOP GAIN/PHASE vs FREQUENCY
160
140
120
100
80
60
40
20
0
0.01
1
10
100
1k
10k
100k
1M
0.1
Frequency (Hz)
0
45
90
135
180
Phase
Gain
2
1
0
–1
–2
–40
–15
10
35
60
85
Temperature (°C)
INPUT BIAS AND INPUT OFFSET CURRENT
vs TEMPERATURE
I
B
I
OS
150
130
110
90
70
50
1
10
100
1k
10k
0.1
Frequency (Hz)
POWER SUPPLY REJECTION
vs FREQUENCY
1k
100
10
1
1
Frequency (Hz)
INPUT NOISE VOLTAGE DENSITY vs FREQUENCY
10
100
1k
10k
R = 0
S
R
= R
= 200k
Thermal noise of
source resistors
included.
S1
S2
10
1
0.1
0.01
100
1k
10k
100k
Bandwidth (Hz)
TOTAL NOISE vs BANDWIDTH
(0.1Hz to Frequency Indicated)


Similar Part No. - OPA177GSE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA177GSE4 TI1-OPA177GSE4 Datasheet
302Kb / 11P
[Old version datasheet]   Precision OPERATIONAL AMPLIFIER
More results

Similar Description - OPA177GSE4

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM308A ONSEMI-LM308A Datasheet
215Kb / 8P
   Precision Operational Amplifier
March, 2005 ??Rev. XXX
logo
Linear Technology
LT1001 LINER-LT1001_02 Datasheet
191Kb / 16P
   Precision Operational Amplifier
OP-07CSB LINER-OP-07CSB Datasheet
158Kb / 3P
   Precision Operational Amplifier?
logo
Intersil Corporation
HA-5135883 INTERSIL-HA-5135883 Datasheet
110Kb / 5P
   Precision Operational Amplifier
logo
Linear Technology
LT1001 LINER-LT1001 Datasheet
326Kb / 12P
   Precision Operational Amplifier
logo
Maxim Integrated Produc...
MXL1001 MAXIM-MXL1001 Datasheet
42Kb / 4P
   Precision Operational Amplifier
19-0286; Rev 1; 8/94
logo
Intersil Corporation
UA777 INTERSIL-UA777 Datasheet
389Kb / 6P
   Precision Operational Amplifier
logo
New Japan Radio
NJM2729 NJRC-NJM2729 Datasheet
1Mb / 18P
   Precision Operational Amplifier
logo
Linear Technology
OP07H LINER-OP07H Datasheet
1Mb / 8P
   Precision Operational Amplifier
OP07CN8 LINER-OP07CN8 Datasheet
1Mb / 8P
   Precision Operational Amplifier
LT1001 LINER-LT1001_15 Datasheet
203Kb / 16P
   Precision Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com